Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GDOM44H Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # TS2GDOM44H
Description  44-Pin IDE Flash Module(Horizontal)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GDOM44H Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS2GDOM44H Datasheet HTML 1Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 2Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 3Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 4Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 5Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 6Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 7Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 8Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 9Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
44
4
4---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e (((H
H
Ho
o
or
rriiiz
zzo
o
on
n
nttta
a
alll)))
1
1
12
2
28
8
8M
M
M ~
~
~ 4
4
4G
G
GB
B
B
Transcend Information Inc.
Ver 1.0
2
Specifications
Physical Specifications
Storage Capacities
128 MB to 4 GB
Length
46.0 0
± 0.40
Width
28.00
± 0.20
Dimensions (mm)
Height
5.87
± 0.50
Weight
7 g (Max.)
Connector
44-Pin standard IDE/ATA connector (Pitch 2.0 mm)
Environmental Specifications
Operating Temperature
0
℃ to 70 ℃
Storage Temperature
- 40
℃ to 85 ℃
Reliability
Write/Erase Endurance
> 2,000,000 cycles
Read Endurance
Unlimited
Data Reliability
Built-in 4 symbol correction ECC (per 512 bytes Sector)
Data Retention
10 years
Connector Durability
5,000 times
Interface Specifications
Jumper Settings
Master/Slave Settings
ATA/ATAPI 5
PIO Modes 0 – 6
ATA Compatibility
UDMA Modes 0 – 4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com