Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GDOM44H Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS2GDOM44H
Description  44-Pin IDE Flash Module(Horizontal)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GDOM44H Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS2GDOM44H Datasheet HTML 1Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 2Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 3Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 4Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 5Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 6Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 7Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 8Page - Transcend Information. Inc. TS2GDOM44H Datasheet HTML 9Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
44
4
4---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e (((H
H
Ho
o
or
rriiiz
zzo
o
on
n
nttta
a
alll)))
1
1
12
2
28
8
8M
M
M ~
~
~ 4
4
4G
G
GB
B
B
Transcend Information Inc.
Ver 1.0
1
Description
With an IDE interface and strong data retention
ability, 44-Pin IDE Flash Modules are ideal for use in
the harsh environments where Industrial PCs,
Set-Top Boxes, etc. are used.
Placement
Features
•
RoHS compliant
•
Fully compatible with devices and OS that support the
IDE standard (44-Pin, pitch = 2.00 mm)
•
Non-volatile Flash Memory for outstanding data
retention
•
Built-in ECC (Error Correction Code) functionality and
wear-leveling algorithm ensures highly reliable of data
transfer
•
Supports up to Ultra DMA Mode 4
•
Supports PIO Mode 6
•
LED indicates status of usage (Data Access)
•
Shock resistance
Dimensions
Side
Millimeters
Inches
A
46.00 ± 0.40
1.81 ± 0.016
B
28.00 ± 0.20
1.10 ± 0.008
C
6.00 ± 0.50
0.24 ± 0.020


Similar Part No. - TS2GDOM44H

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS2GDOM44H-S TRANSCEND-TS2GDOM44H-S Datasheet
888Kb / 34P
44-Pin IDE Flash Module(Horizontal)
More results

Similar Description - TS2GDOM44H

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS128MDOM40H-S TRANSCEND-TS128MDOM40H-S Datasheet
908Kb / 39P
40-Pin IDE Flash Module (Horizontal)
TS128MDOM40V TRANSCEND-TS128MDOM40V Datasheet
1Mb / 52P
40-Pin IDE Flash Module
TS128MDOM40V-S TRANSCEND-TS128MDOM40V-S Datasheet
723Kb / 34P
40-Pin IDE Flash Module
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
44-Pin IDE Flash Module(Horizontal)
TS128MDOM44V TRANSCEND-TS128MDOM44V Datasheet
873Kb / 30P
44-Pin IDE Flash Module
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
44-Pin IDE Flash Module
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
44-Pin IDE Flash Module
TS128MDOM44V-S TRANSCEND-TS128MDOM44V-S Datasheet
724Kb / 34P
44-Pin IDE Flash Module
logo
Advantech Co., Ltd.
PCM-233B ADVANTECH-PCM-233B_12 Datasheet
1Mb / 1P
SATA to IDE (44-pin) Converter Module
PCM-233C ADVANTECH-PCM-233C_12 Datasheet
1Mb / 1P
IDE (44-pin) to SATA Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com