Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROSDHC Datasheet(PDF) 10 Page - Transcend Information. Inc.

Part # MICROSDHC
Description  High Capacity microSD Card
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

MICROSDHC Datasheet(HTML) 10 Page - Transcend Information. Inc.

Back Button MICROSDHC Datasheet HTML 6Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 7Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 8Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 9Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 10Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 11Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 12Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 13Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 14Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
m
m
miiic
c
cr
rro
o
oS
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
High Capacity microSD Card
Transcend Information Inc.
10
Reliability and Durability
Temperature
Operation: -25°C / 85°C
Storage: -40°C (168h) / 85°C (500h)
Junction temperature: max. 95°C
Moisture and corrosion
Operation: 25°C / 95% rel. humidity
Storage: 40°C / 93% rel. hum./500h
Salt Water Spray: 3% NaCl/35C; 24h acc. MIL STD Method 1009
Durability
10.000 mating cycles; test procedure: tbd.
Bending
10N
Torque
0.15N.m or +/-2.5 deg
Drop test
1.5m free fall
UV light exposure
UV: 254nm, 15Ws/cm² according to ISO 7816-1
X-ray exposure
0.1 Gy of medium-energy radiation (70 keV to 140 keV, cumulative dose per year)
to both sides of the card, according to ISO7816-1.
Visual inspection
Shape and form
No warp page; no mold skin; complete form; no cavities surface smoothness <=
-0.1 mm/cm² within contour; no cracks; no pollution (fat, oil dust, etc.)
Minimum moving force of WP witch 40gf (Ensures that the WP switch will not slide while it is inserted to the connector.)
WP Switch cycles
minimum 1000 Cycles(@Slide force 0.4N to 5N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com