Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROSDHC Datasheet(PDF) 16 Page - Transcend Information. Inc.

Part # MICROSDHC
Description  High Capacity microSD Card
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

MICROSDHC Datasheet(HTML) 16 Page - Transcend Information. Inc.

Back Button MICROSDHC Datasheet HTML 12Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 13Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 14Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 15Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 16Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 17Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 18Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 19Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 20Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
m
m
miiic
c
cr
rro
o
oS
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
High Capacity microSD Card
Transcend Information Inc.
16
Note that for current SD Memory Cards that field must be always 0_0110_010b (032h) which is equal to 25MHz - the
mandatory maximum operating frequency of SD Memory Card.
In High-Speed mode, that field must be always 0_1011_010b (05Ah) which is equal to 50MHz. And when the timing
mode returns to the default by CMD6 or CMD0 command, its value will be 032h.
• CCC
The SD Memory Card command set is divided into subsets (command classes). The card command class register CCC
defines which command classes are supported by this card. A value of ‘1’ in a CCC bit means that the corresponding
command class is supported.
• READ_BL_LEN
This field is fixed to 9h, which indicates READ_BL_LEN=512 Byte.
• READ_BL_PARTIAL
This field is fixed to 0, which indicates partial block read is inhibited and only unit of block access is allowed.
• WRITE_BLK_MISALIGN
This field is fixed to 0, which indicates write access crossing physical block boundaries is always disabled in High
apacity SD Memory Card.
C
• READ_BLK_MISALIGN
This field is fixed to 0, which indicates read a
disabled in High Capacity SD Memory Card.
ccess crossing physical block boundaries is always
• DSR_IMP
Defines if the configurable driver stage is integrated on the card. If set, a driver stage register (DSR)must be
implemented also.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com