Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROSDHC Datasheet(PDF) 15 Page - Transcend Information. Inc.

Part # MICROSDHC
Description  High Capacity microSD Card
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

MICROSDHC Datasheet(HTML) 15 Page - Transcend Information. Inc.

Back Button MICROSDHC Datasheet HTML 11Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 12Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 13Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 14Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 15Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 16Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 17Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 18Page - Transcend Information. Inc. MICROSDHC Datasheet HTML 19Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
m
m
miiic
c
cr
rro
o
oS
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
High Capacity microSD Card
Transcend Information Inc.
15
CSD Register Structure
• TAAC
This field is fixed to 0Eh, which indicates 1 ms. The host should not use TAAC, NSAC, and R2W_FACTOR to calculate
timeout and should uses fixed timeout values for read and write operations (See 4.6.2).
• NSAC
This field is fixed to 00h. NSAC should not be used to calculate time-out values.
• TRAN_SPEED
The following table defines the maximum data transfer rate per one data line - TRAN_SPEED:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com