Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8GCF600 Datasheet(PDF) 21 Page - Transcend Information. Inc.

Part # TS8GCF600
Description  600X CompactFlash Card
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GCF600 Datasheet(HTML) 21 Page - Transcend Information. Inc.

Back Button TS8GCF600 Datasheet HTML 17Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 18Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 19Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 20Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 21Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 22Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 23Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 24Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 25Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
T
T
TS
S
S8
8
8G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F6
6
60
0
00
0
0
600X CompactFlash Card
Transcend Information Inc.
V1.0
21
Attribute Memory Read Timing Specification
Attribute Memory access time is defined as 300 ns. Detailed timing specs are shown in Table below
Speed Version
300 ns
Item
Symbol
IEEE Symbol
Min ns.
Max ns.
Read Cycle Time
tc(R)
tAVAV
300
Address Access Time
ta(A)
tAVQV
300
Card Enable Access Time
ta(CE)
tELQV
300
Output Enable Access Time
ta(OE)
tGLQV
150
Output Disable Time from CE
tdis(CE)
tEHQZ
100
Output Disable Time from OE
tdis(OE)
tGHQZ
100
Address Setup Time
tsu (A)
tAVGL
30
Output Enable Time from CE
ten(CE)
tELQNZ
5
Output Enable Time from OE
ten(OE)
tGLQNZ
5
Data Valid from Address Change
tv(A)
tAXQX
0
Note: All times are in nanoseconds. Dout signifies data provided by the CompactFlash Storage Card to the system. The -CE signal or
both the -OE signal and the -WE signal shall be de-asserted between consecutive cycle operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com