Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8GCF600 Datasheet(PDF) 39 Page - Transcend Information. Inc.

Part # TS8GCF600
Description  600X CompactFlash Card
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GCF600 Datasheet(HTML) 39 Page - Transcend Information. Inc.

Back Button TS8GCF600 Datasheet HTML 35Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 36Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 37Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 38Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 39Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 40Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 41Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 42Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 43Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
T
T
TS
S
S8
8
8G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F6
6
60
0
00
0
0
600X CompactFlash Card
Transcend Information Inc.
V1.0
39
Attribute Memory Function
Attribute memory is a space where CompactFlash Storage Card identification and configuration information
are stored, and is limited to 8 bit wide accesses only at even addresses. The card configuration registers are
also located here. For CompactFlash Storage Cards, the base address of the Card configuration registers is
200h.
Function Mode
DMA CMD
-REG
-CE2
-CE1
A10
A9
A0
-OE
-WE
D15-D8
D7-D0
Standby Mode
Don’t Care
H
H
H
X
X
X
X
X
High Z
High Z
Standby Mode
No
X
H
H
X
X
X
X
X
High Z
High Z
UDMA Operation (see section
4.3.18:
Ultra
DMA
Mode
Read/Write
Timing
Specification)
Yes
L
1
H
H
X
X
X
H
H
Odd Byte
Even
Byte
Read Byte Access CIS ROM
(8 bits)
No
L
H
L
2
L
L
L
L
2
H
High Z
Even
Byte
Write Byte Access CIS (8 bits)
(Invalid)
No
L
H
L
2
L
L
L
H
L
2
Don’t
Care
Even
Byte
Read
Byte
Access
Configuration
CompactFlash
Storage (8 bits)
No
L
H
L
L
H
L
L
H
High Z
Even
Byte
Write
Byte
Access
Configuration
CompactFlash
Storage (8 bits)
No
L
H
L
L
H
L
H
L
Don’t
Care
Even
Byte
Read Word Access CIS (16
bits)
No
L
L
2
L
2
L
L
X
L
2
H
Not Valid
Even
Byte
Write Word Access CIS (16
bits) (Invalid)
No
L
L
2
L
2
L
L
X
H
L2
Don’t
Care
Even
Byte
Read
Word
Access
Configuration
CompactFlash
Storage (16 bits)
No
L
L
2
L
2
L
H
X
L
2
H
Not Valid
Even
Byte
Write
Word
Access
Configuration
CompactFlash
Storage (16 bits)
No
L
L
2
L
2
L
H
X
H
L
2
Don’t
Care
Even
Byte
Notes: 1) In UDMA operation, the -REG (-DMACK) signal shall be asserted only in response to -DMARQ.
2) The -CE signals or both the -OE signal and the -WE signal shall be de-asserted between consecutive cycle operations.
Table: Attribute Memory Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com