Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8GCF600 Datasheet(PDF) 13 Page - Transcend Information. Inc.

Part # TS8GCF600
Description  600X CompactFlash Card
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GCF600 Datasheet(HTML) 13 Page - Transcend Information. Inc.

Back Button TS8GCF600 Datasheet HTML 9Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 10Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 11Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 12Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 13Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 14Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 15Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 16Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 17Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
T
T
TS
S
S8
8
8G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F6
6
60
0
00
0
0
600X CompactFlash Card
Transcend Information Inc.
V1.0
13
Signal Name
Dir.
Pin
Description
-REG
(PC Card Memory Mode– Except
Ultra DMA Protocol Active)
Attribute Memory Select
-REG
(PC Card I/O Mode –Except Ultra
DMA Protocol Active)
This signal is used during Memory Cycles to distinguish between Common
Memory and Register (Attribute) Memory accesses. High for Common Memory,
Low for Attribute Memory.
In PC Card Memory Mode, when Ultra DMA Protocol is supported by the host
and the host has enabled Ultra DMA protocol on the card the, host shall keep the
-REG signal negated during the execution of any DMA Command by the device.
The signal shall also be active (low) during I/O Cycles when the I/O address is on
the Bus.
In PC Card I/O Mode, when Ultra DMA Protocol is supported by the host and the
host has enabled Ultra DMA protocol on the card the, host shall keep the -REG
signal asserted during the execution of any DMA Command by the device.
-DMACK
(PC Card Memory Mode when
Ultra DMA Protocol Active)
DMACK
(PC Card I/O Mode when Ultra
DMA Protocol Active)
-DMACK
(True IDE Mode)
I
44
This is a DMA Acknowledge signal that is asserted by the host in response to
(-)DMARQ to initiate DMA transfers.
In True IDE Mode, while DMA operations are not active, the card shall ignore the
(-)DMACK signal, including a floating condition.
If DMA operation is not supported by a True IDE Mode only host, this signal
should be driven high or connected to VCC by the host.
A host that does not support DMA mode and implements both PC Card and
True-IDE modes of operation need not alter the PC Card mode connections
while in True-IDE mode as long as this does not prevent proper operation all
modes.
RESET
(PC Card Memory Mode)
RESET
(PC Card I/O Mode)
-RESET
(True IDE Mode)
I
41
The CompactFlash Storage Card is Reset when the RESET pin is high with the
following important exception:
The host may leave the RESET pin open or keep it continually high from the
application of power without causing a continuous Reset of the card. Under
either of these conditions, the card shall emerge from power-up having
completed an initial Reset.
The CompactFlash Storage Card is also Reset when the Soft Reset bit in the
Card Configuration Option Register is set.
This signal is the same as the PC Card Memory Mode signal.
In the True IDE Mode, this input pin is the active low hardware reset from the
host.
VCC
(PC Card Memory Mode)
VCC
(PC Card I/O Mode)
VCC
(True IDE Mode)
--
13,38
+5 V, +3.3 V power.
This signal is the same for all modes.
This signal is the same for all modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com