Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1205CL Datasheet(PDF) 1 Page - UNISEM

Part # US1205CL
Description  300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1205CL Datasheet(HTML) 1 Page - UNISEM

  US1205CL Datasheet HTML 1Page - UNISEM US1205CL Datasheet HTML 2Page - UNISEM US1205CL Datasheet HTML 3Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US1205
2-1
Rev. 1.4
9/25/00
DESCRIPTION
DESCRIPTION
The US1205 device is an efficient linear voltage regula-
tor with better than 1% initial voltage accuracy, very low
dropout voltage and very low ground current designed
especially for hand held, battery powered applications.
Other features of the device are; TTL compatible enable/
shutdown control input, current limiting and thermal
shutdown.
The US1205 is available in fixed and adjustable output
voltage versions in a small SOT23-5 package.
300 mA LOW DROPOUT POSITIVE
ADJUSTABLE REGULATOR
FEATURES
FEATURES
SOT23 package
Stable with 2.2uF ceramic capacitor
1% Voltage Reference Accuracy
Only 270mV Dropout at 300 mA
170mV Dropout at 150mA
10nA Quiescent Current in Shutdown
Current Limit and Thermal Shutdown
Logic input Enable pin
APPLICATIONS
APPLICATIONS
Laptop, Notebook & Palmtop computers
Battery powered Equipments
PCMCIA Vcc & Vpp regulator
Concumer Electronics
High Efficiency Linear Power Supplies
PRELIMINARY DATASHEET
PACKAGE ORDER INFORMATION
PACKAGE ORDER INFORMATION
Tj (°C)
5 LEAD
SOT23
Output
SOT 23
Marking
Voltage
0 TO 125
US1205CL
AT00
Adj
0 TO 125
US1205-25CL
AT25
2.5 V
0 TO 125
US1205-30CL
AT30
3.0 V
0 TO 125
US1205-33CL
AT33
3.3 V
0 TO 125
US1205-36CL
AT36
3.6 V
TYPICAL APPLICATION
TYPICAL APPLICATION
Typical application of the US1205 ajustable.
Typical application of the US1205 Fixed voltage.
Vo=1.242 X (1+R1/R2)
Vin
Vout
R1
R2
C1
2.2uF
C2
2.2uF
1205app1-1.1
S.D.
5
3
4
Vout
Adj
2
1 Vin
Gnd
En
Enable
3.3V
2.5V
C3
1000pF
C1
2.2uF
C2
2.2uF
1205app2-1.2
S.D.
Enable
5
3
4
Vout
Byp
2
1 Vin
Gnd
En


Similar Part No. - US1205CL

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
US120-UFD5 APACER-US120-UFD5 Datasheet
924Kb / 4P
USB flash drive
logo
UNISEM
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
US1206-18CD UNISEM-US1206-18CD Datasheet
39Kb / 7P
1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
US1206-18CM UNISEM-US1206-18CM Datasheet
39Kb / 7P
1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
US1206-18CY UNISEM-US1206-18CY Datasheet
39Kb / 7P
1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
More results

Similar Description - US1205CL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
logo
Texas Instruments
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com