Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM1B-RKW Datasheet(PDF) 2 Page - Cree, Inc

Part # CLM1B-RKW
Description  PLCC2 1 in 1 SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM1B-RKW Datasheet(HTML) 2 Page - Cree, Inc

  CLM1B-RKW Datasheet HTML 1Page - Cree, Inc CLM1B-RKW Datasheet HTML 2Page - Cree, Inc CLM1B-RKW Datasheet HTML 3Page - Cree, Inc CLM1B-RKW Datasheet HTML 4Page - Cree, Inc CLM1B-RKW Datasheet HTML 5Page - Cree, Inc CLM1B-RKW Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
CLD-CT1084.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
RKW/AKW
Forward Current
I
F
50
mA
Peak Forward Current Note
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
130
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient
R
THJA
450
°C/W
Junction/Solder Point
R
THJS
300
°C/W
Electrostatic Discharge
Classification(MIL-STD-883E)
ESD
Class 2
Note: Pulse width ≤10 msec, duty cycle ≤10%.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
RKW/AKW
V
F
I
F = 20 mA
V
2.1
2.6
Reverse Current
RKW/AKW
I
R
V
R = 5 V
μA
10
Dominant Wavelength
RKW
λ
D
I
F = 20 mA
nm
618
624
630
AKW
λ
D
I
F = 20 mA
nm
584
591
596
Luminous Intensity
RKW
I
V
I
F = 20 mA
mcd
450
650
AKW
I
V
I
F = 20 mA
mcd
355
600
50% Power Angle
RKW/AKW
2θ½
I
F = 20 mA
deg
120



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com