Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM1B-RKW Datasheet(PDF) 1 Page - Cree, Inc

Part # CLM1B-RKW
Description  PLCC2 1 in 1 SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM1B-RKW Datasheet(HTML) 1 Page - Cree, Inc

  CLM1B-RKW Datasheet HTML 1Page - Cree, Inc CLM1B-RKW Datasheet HTML 2Page - Cree, Inc CLM1B-RKW Datasheet HTML 3Page - Cree, Inc CLM1B-RKW Datasheet HTML 4Page - Cree, Inc CLM1B-RKW Datasheet HTML 5Page - Cree, Inc CLM1B-RKW Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
SMD LEDs are packaged in the industry-standard package. These LEDs
have high reliability performance and are designed to work under a wide
range of environmental conditions. This high-reliability feature makes
them ideally suited to be used under architectural lighting application
conditions.
Their wide viewing angle makes these LEDs ideally suited for channel-
letter or architectural-lighting applications. The flat-top emitting surface
makes it easy for these LEDs to mate with light pipes.
FEATURES
Size (mm): 3.2 x 2.7
Color and Typical Dominant Wavelength (nm):
»
Red(624)
»
Amber(591)
Luminous Intensity (mcd)
»
CLM1B-RKW(450-1120)
»
CLM1B-AKW(355-900)
Viewing Angle: 120 degree
Lead-Free
RoHS-Compliant
APPLICATIONS
Light Strip
Architectural Lighting
Channel Letter
Cree® PLCC2 1 in 1 SMD LED
CLM1B-RKW/AKW
Data Sheet


Similar Part No. - CLM1B-RKW

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM1B-RKW MARKTECH-CLM1B-RKW Datasheet
424Kb / 8P
Cree짰 PLCC2 1 in 1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW Datasheet
424Kb / 8P
PLCC2 1 in 1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW Datasheet
424Kb / 8P
PLCC2 1 in 1 SMD LED
logo
Cree LED
CLM1B-RKW-AKW CREELED-CLM1B-RKW-AKW Datasheet
658Kb / 9P
CLM1B-RKW/AKW: PLCC2 1 IN 1 SMD LED
REV 7
logo
Marktech Corporate
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW_15 Datasheet
424Kb / 8P
PLCC2 1 in 1 SMD LED
More results

Similar Description - CLM1B-RKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM1B-BKW CREE-CLM1B-BKW Datasheet
261Kb / 6P
PLCC2 1-in-1 SMD LED
CLM1S-WKW CREE-CLM1S-WKW Datasheet
527Kb / 9P
PLCC2 1-in-1 SMD LED
CLM3C-WKW CREE-CLM3C-WKW Datasheet
785Kb / 11P
PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW Datasheet
421Kb / 8P
PLCC2 1-in-1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW Datasheet
424Kb / 8P
PLCC2 1 in 1 SMD LED
CLM3A MARKTECH-CLM3A Datasheet
376Kb / 10P
PLCC2 1-in-1 SMD LED
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
PLCC2 1 in 1 SMD LED
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW_15 Datasheet
421Kb / 8P
PLCC2 1-in-1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW_15 Datasheet
424Kb / 8P
PLCC2 1 in 1 SMD LED
CLM3A MARKTECH-CLM3A_15 Datasheet
376Kb / 10P
PLCC2 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com