Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM1B-RKW Datasheet(PDF) 6 Page - Cree, Inc

Part # CLM1B-RKW
Description  PLCC2 1 in 1 SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM1B-RKW Datasheet(HTML) 6 Page - Cree, Inc

  CLM1B-RKW Datasheet HTML 1Page - Cree, Inc CLM1B-RKW Datasheet HTML 2Page - Cree, Inc CLM1B-RKW Datasheet HTML 3Page - Cree, Inc CLM1B-RKW Datasheet HTML 4Page - Cree, Inc CLM1B-RKW Datasheet HTML 5Page - Cree, Inc CLM1B-RKW Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
8
CLD-CT1084.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Packaging
• The boxes are not water-resistant, and they must be kept away from water and moisture.
• The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
• Cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation.
• The reel pack is applied in SMD LED.
• Max 2000 pcs per reel.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com