Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1237 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1237 Datasheet HTML 1Page - ON Semiconductor NCP1237 Datasheet HTML 2Page - ON Semiconductor NCP1237 Datasheet HTML 3Page - ON Semiconductor NCP1237 Datasheet HTML 4Page - ON Semiconductor NCP1237 Datasheet HTML 5Page - ON Semiconductor NCP1237 Datasheet HTML 6Page - ON Semiconductor NCP1237 Datasheet HTML 7Page - ON Semiconductor NCP1237 Datasheet HTML 8Page - ON Semiconductor NCP1237 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
NCP1237
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 120 V,
VCC = 11 V unless otherwise noted)
Characteristics
Test Condition
Symbol
Min
Typ
Max
Unit
HIGH VOLTAGE CURRENT SOURCE
Minimum voltage for current source operation
VHV(min)
−
−
60
V
Current flowing out of VCC pin @ VHV = 60 V
VCC = 0 V
VCC = VCC(on) − 0.5 V
Istart1
Istart2
0.2
4
0.5
8
0.8
12
mA
Off−state leakage current
VHV = 500 V
Istart(off)
−
25
50
mA
SUPPLY
Turn−on threshold level, VCC going up
HV current source stop threshold
VCC(on)
11.0
12.0
13.0
V
HV current source restart threshold
VCC(min)
9.5
10.5
11.5
V
Turn−off threshold level
VCC(off)
8.5
9.5
10.5
V
Blanking duration on VCC(min) and VCC(off) detection
Guaranteed by design
tUVLO(blank)
7
10
13
ms
VCC decreasing level at which the internal logic resets
VCC(reset)
4.0
5.2
6.5
V
VCC level for ISTART1 to ISTART2 transition
VCC(inhibit)
0.4
0.65
0.9
V
Internal current consumption (Note 6)
DRV open, VFB = 3 V
Cdrv = 1 nF, VFB = 3 V
Off mode (skip or before
startup)
Fault mode (fault or latch)
ICC1
ICC2
ICC3
ICC4
2.0
2.3
0.9
0.4
2.5
3.3
1.2
0.7
3.0
4.3
1.5
1.0
mA
BROWN−OUT AND LINE OVERVOLTAGE
Brown−out threshold voltage
VHV going up
VHV going down
VHV(start)
VHV(stop)
104
97
112
105
120
113
V
Timer duration for line cycle drop−out
tHV
43
61
79
ms
Overvoltage threshold
VHV going up
VHV going down
VHV(OV1)
VHV(OV2)
400
395
430
425
460
455
V
Blanking duration on line overvoltage detection
tOV(blank)
−
250
−
ms
OSCILLATOR
Oscillator frequency
fOSC
60
65
70
kHz
Maximum duty ratio
DMAX
75
80
85
%
Frequency jittering amplitude, in percentage of FOSC
Guaranteed by design
Ajitter
$4
$6
$8
%
Frequency jittering modulation frequency
Guaranteed by design
Fjitter
85
125
165
Hz
OUTPUT DRIVER
Rise time, 10% to 90% of VCC
VCC = VCC(min) + 0.2 V,
CDRV = 1 nF
trise
−
22
34
ns
Fall time, 90% to 10% of VCC
VCC = VCC(min) + 0.2 V,
CDRV = 1 nF
tfall
−
22
34
ns
Current capability
VCC = VCC(min) + 0.2 V,
CDRV = 1 nF
DRV high, VDRV = 0 V
DRV low, VDRV = VCC
IDRV(source)
IDRV(sink)
−
−
1000
1000
−
−
mA
Clamping voltage (maximum gate voltage)
VCC = VCCmax – 0.2 V, DRV
high
VDRV(clamp)
11
13.5
16
V
High−state voltage drop
VCC = VCC(min) + 0.2 V,
RDRV = 33 kW, DRV high
VDRV(drop)
−
−
1
V
6. Internal supply current only, current in FB pin not included (current flowing through GND pin only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com