Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1237 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1237 Datasheet HTML 5Page - ON Semiconductor NCP1237 Datasheet HTML 6Page - ON Semiconductor NCP1237 Datasheet HTML 7Page - ON Semiconductor NCP1237 Datasheet HTML 8Page - ON Semiconductor NCP1237 Datasheet HTML 9Page - ON Semiconductor NCP1237 Datasheet HTML 10Page - ON Semiconductor NCP1237 Datasheet HTML 11Page - ON Semiconductor NCP1237 Datasheet HTML 12Page - ON Semiconductor NCP1237 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
NCP1237
http://onsemi.com
9
• Normal operation: As long as the feedback voltage is
within the regulation range, the NCP1237 runs at a
fixed frequency (with jittering) in current−mode
control, where the peak current (sensed on the CS pin)
is set by the voltage on the FB pin. A fixed ramp
compensation is applied internally to prevent
sub−harmonic oscillations from occurring. The VCC
must be supplied by an external source (such as an
auxiliary winding), as the startup current source cannot
permanently supply the controller without overheating.
• Light load operation: When the FB voltage decreases
below VFB(fold), typically corresponding to a load of
20% (DCM design only) to 30% (CCM / DCM design)
of the maximum load, the switching frequency starts to
decrease down to fOSC(min). By lowering the switching
losses, this feature helps to improve the efficiency in
light load conditions. The frequency jittering is disabled
in light load operation.
• No load operation: When the FB voltage decreases
below Vskip(in), typically corresponding to a load of 1%
of the maximum load, the controller enters Skip mode.
By completely stopping the switching while the
feedback voltage is below Vskip(out), the losses are
further reduced, allowing to minimize the power
dissipation under extremely low load conditions. In
order to avoid audible noise, the peak current is
gradually increased during the tSSKIP duration while
exiting the skip mode (Soft−Skip function). In case of
abrupt load increase during Soft−Skip mode, the
soft−skip portion is bypassed and the peak current
needed for regulation is directly applied. VCC can be
maintained between VCC(on) and VCC(min) by the DSS.
• Overload: The NCP1237 features a timer−based
dual−level overload detection, solely dependent on the
feedback information: as soon as the internal peak
current setpoint goes above the VCS(tran) threshold, a
first internal timer starts to count, but the controller is
still able to regulate up to VILIM. Once it reaches the
VILIM clamp, the internal overload timer starts to count.
When either timer times out, the controller stops and
enters the protection mode, autorecovery for the B
version (the controller initiates a new start−up after
tautorec elapses), or latched for the A version (the latch
is released if a brown−out event occurs or VCC is reset).
• Brown−out: The NCP1237 features on its HV pin a
true AC line monitoring circuitry which includes a
minimum startup threshold, brown−out protection, and
overvoltage protection. All of these circuits are
autorecovery and operate independently of any ripple
on the input voltage. They can even work with an
unfiltered, rectified AC input. All thresholds are fixed,
but they are designed to fit most of the standard ac−dc
conversion applications.
• Latch−off: When the Latch input is pulled up (typically
by an overvoltage condition), or pulled low (typically
by an overtemperature condition, using the provided
current source with an NTC), the controller latches off.
The latch is released when a brown−out condition
occurs, or when VCC decreases below VCC(reset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com