Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1237 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1237 Datasheet HTML 2Page - ON Semiconductor NCP1237 Datasheet HTML 3Page - ON Semiconductor NCP1237 Datasheet HTML 4Page - ON Semiconductor NCP1237 Datasheet HTML 5Page - ON Semiconductor NCP1237 Datasheet HTML 6Page - ON Semiconductor NCP1237 Datasheet HTML 7Page - ON Semiconductor NCP1237 Datasheet HTML 8Page - ON Semiconductor NCP1237 Datasheet HTML 9Page - ON Semiconductor NCP1237 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
NCP1237
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 120 V,
VCC = 11 V unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Condition
CURRENT SENSE
Input Bias Current
VCS = 0.7 V
Ibias
−
0.02
−
mA
Maximum internal current setpoint
VFB > 3.5 V
VILIM
0.665
0.7
0.735
V
Threshold for immediate fault protection activation
VCS(stop)
0.95
1.05
1.15
V
Propagation delay from VILIM detection to DRV off
VCS = VILIM
tdelay
50
80
110
ns
Leading Edge Blanking Duration for VILIM
tLEB
190
250
310
ns
Leading Edge Blanking Duration for VCS(stop)
tBCS
90
120
150
ns
Slope of the compensation ramp
Scomp(65kHz)
−
−32.5
−
mV / ms
Soft−start duration
From 1st pulse to
VCS = VILIM
tSSTART
2.8
4.0
5.2
ms
OVERPOWER COMPENSATION
VHV to IOPC conversion ratio
KOPC
−
0.5
−
mA / V
Current flowing out of CS pin
VHV = 125 V
VHV = 162 V
VHV = 325 V
VHV = VHV(OV2) − 5 V
IOPC(125)
IOPC(162)
IOPC(325)
IOPC(max)
−
−
−
102
0
52
104
120
−
−
−
138
mA
FB voltage above which IOPC is applied
VFB(OPC)
1.50
1.65
1.80
V
FB voltage below which IOPC = 0
VFB(OPCE)
−
1.25
−
V
Refresh operation for dc operation
tWD
25
35
45
ms
FEEDBACK
Internal pull−up resistor
TJ = 25°C
RFB(up)
15
20
25
kW
VFB to internal current setpoint division ratio
KFB
4.7
5.0
5.3
−
Internal pull−up voltage on the FB pin
VFB(ref)
4.3
5.0
5.7
V
OVERCURRENT PROTECTION
Fault timer duration
From CS reaching VILIMIT to
DRV stop
tfault
64
78
98
ms
Autorecovery mode latch−off time duration
tautorec
1.0
1.4
1.8
s
CS threshold for transient peak timer activation
VCS(tran)
0.47
0.5
0.53
V
Transient peak power timer duration
VCS(peak) = VILIM – 5%
From 1st time VCS >
VCS(tran) to DRV stop
ttran
117
156
195
ms
FREQUENCY FOLDBACK
Feedback voltage threshold below which frequency
foldback starts
VFB(fold)
1.3
1.4
1.5
V
Minimum switching frequency
VFB = Vskip(in) + 0.2 V
fOSC(min)
21
27
31
kHz
Threshold below which the frequency foldback is
finished and the controller switches at fOSC(min)
VFB(endfold)
−
1.0
−
V
SKIP CYCLE MODE
Feedback voltage thresholds for skip mode
VFB going down
VFB going up
Vskip(in)
Vskip(out)
0.63
0.72
0.7
0.80
0.77
0.88
V
Soft−skip duration
From 1st pulse to VCS =
VFB(fold) / KFB
tSSKIP
−
100
−
ms
6. Internal supply current only, current in FB pin not included (current flowing through GND pin only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com