Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19W Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV19W
Description  410 mW High Voltage SMD Switching Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV19W Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV19W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BAV19W/BAV20W/BAV21W
410 mW High Voltage SMD Switching Diode
Small Signal Diode
These diodes are also available in DO-35,LL34 Package
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : Flat lead SOD-323 small outline plastic package
1.5
1.7
0.059 0.067
3.3
3.7
0.130 0.146
0.5
0.7
0.020 0.028
2.5
2.7
0.098 0.106
0.8
1.0
0.031 0.039
0.05
0.2
0.002 0.008
Maximum Ratings
1 μsec
Electrical Characteristics
BAV19W
BAV20W
(Note 2)
BAV21W
IF=
100mA
IF=
200mA
BAV19W
BAV20W
(Note 3)
BAV21W
Junction Capacitance
VR=0, f=1.0MHz
Reverse Recovery Time
(Note4)
Notes:1. Valid provided that electrodes are kept at ambient temperature
Notes:2. Test Condition : IR=100μA
Notes:3. Test Condition : BAV19W @ VR=100V, BAV20W @ VR=150V, BAV21W @ VR=200V
Notes:4. Test Condition : IF=IR=30mA, RL=100Ω, IRR=3mA
V
100
nA
-
C
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
Power Dissipation
Symbol
E
5.0
SOD-123F
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Unit (mm)
Unit (inch)
Dimensions
1.25
-65 to + 150
625
Value
410
Max
375
IR
V(BR)
-
CJ
Min
VF
Type Number
Symbol
50
Thermal Resistance (Junction to Ambient) (Note 1)
-
-
1.00
Junction and Storage Temperature Range
Forward Voltage
Reverse Leakage Current
Reverse Breakdown Voltage
Units
V
pF
Trr
ns
250
-
120
200
-
Mean Forward Current
IFRM
IO
TJ, TSTG
Pulse Width=
RθJA
Non-Repetitive Peak Forward Surge Current
IFSM
°C
High temperature soldering guaranteed: 260°C/10s
Polarity : Indicated by cathode band
Weight : 4.85±0.5 mg
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
Repetitive Peak Forward Current
°C/W
250
D
Repetitive Peak Reverse Voltage
PD
VRRM
mW
V
mA
mA
1.0
Units
200
F
A
A
B
A
B
C
E
F
Version : C09


Similar Part No. - BAV19W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19W PANJIT-BAV19W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAV19W TRSYS-BAV19W Datasheet
147Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV19W WTE-BAV19W Datasheet
43Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAV19W DIODES-BAV19W Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 9 - 2
logo
General Semiconductor
BAV19W GE-BAV19W Datasheet
187Kb / 4P
Small Signal Diodes
More results

Similar Description - BAV19W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCCD2004S MCC-MCCD2004S Datasheet
265Kb / 1P
350 mW High Voltage Switching Diode 240 Volts
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
410 mW Zener Diode 2.4 to 39 Volts
logo
Taiwan Semiconductor Co...
BAV19W TSC-BAV19W_10 Datasheet
213Kb / 3P
410mW High Voltage SMD Switching Diode
BAV19WS TSC-BAV19WS_10 Datasheet
251Kb / 3P
410mW High Voltage SMD Switching Diode
logo
Micro Commercial Compon...
MMBD3004S MCC-MMBD3004S Datasheet
229Kb / 3P
350 mW High Voltage Switching Diode 240 Volts
logo
Taiwan Semiconductor Co...
BAV19W TSC-BAV19W_15 Datasheet
235Kb / 4P
410mW High Voltage SMD Switching Diode
BAV19WS TSC-BAV19WS_15 Datasheet
210Kb / 4P
200mW High Voltage SMD Switching Diode
TS4148RWG TSC-TS4148RWG_14 Datasheet
194Kb / 4P
350 mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
410 mW Zener Diode 2.4 to 75 Volts
MMBD3004S MCC-MMBD3004S_13 Datasheet
285Kb / 3P
410 mW High Voltage Switching Diode 240 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com