Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO566PYO2-65H-A-MT Datasheet(PDF) 3 Page - Marktech Corporate

Part # LO566PYO2-65H-A-MT
Description  SPECIFICATION FOR COTCO LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LO566PYO2-65H-A-MT Datasheet(HTML) 3 Page - Marktech Corporate

  LO566PYO2-65H-A-MT Datasheet HTML 1Page - Marktech Corporate LO566PYO2-65H-A-MT Datasheet HTML 2Page - Marktech Corporate LO566PYO2-65H-A-MT Datasheet HTML 3Page - Marktech Corporate LO566PYO2-65H-A-MT Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LO566PYO2-65H-A-MT
Rev. No.
01
Standard bins for LO566PYO2-65H-A-MT (IF = 20mA):
Lamps are sorted to Luminous Intensity –IV, VF & Dominant Wavelength –λD bins shown.
Orders for LO566PYO2-65H-A-MT may be filled with any or all bins contained as below.
All Luminous Intensity –IV, VF & Dominant Wavelength –λD values shown and specified are at IF =20mA.
X
X2
2
X
X3
3
X
X4
4
2130mcd
V
V o
orr a
ab
bo
ovve
e
1520mcd
U
U
1100mcd
T
T
770mcd
S
S
6
60
00
0n
nm
m
603nm
606nm
6
60
09
9n
nm
m
* S+ indicates Luminous Intensity is at S bin or above.
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e ((V
VFF))
Rank
V1
V2
V3
V4
V5
Voltage
1.6-1.8V
1.8-2.0V
2.0-2.2V
2.2-2.4V
2.4-2.6V
IIm
mp
po
orrtta
an
ntt N
No
otte
es
s::
1) All ranks will be included per delivery, rank ratio will be based on the Dices distribution.
2) Pb content <1000PPM.
3) Tolerance of measurement of luminous intensity is ±15%.
4) Tolerance of measurement of dominant wavelength is ±1nm.
5) Tolerance of measurement of Vf is ±0.05 V.
6) Packaging methods are available for selection, Please refer to PACKAGING STANDARD.
7) Please refer to LED LAMP RELIABILITY TEST STANDARD for reliability test conditions.
8) Please refer to APPLICATION NOTES for Application.
* S+
Dominant Wavelength (λD)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com