Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO566PYO2-65H-A-MT Datasheet(PDF) 2 Page - Marktech Corporate

Part # LO566PYO2-65H-A-MT
Description  SPECIFICATION FOR COTCO LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LO566PYO2-65H-A-MT Datasheet(HTML) 2 Page - Marktech Corporate

  LO566PYO2-65H-A-MT Datasheet HTML 1Page - Marktech Corporate LO566PYO2-65H-A-MT Datasheet HTML 2Page - Marktech Corporate LO566PYO2-65H-A-MT Datasheet HTML 3Page - Marktech Corporate LO566PYO2-65H-A-MT Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LO566PYO2-65H-A-MT
Rev. No.
01
A
Ap
pp
plliic
ca
attiio
on
ns
s::
D
Diim
me
en
ns
siio
on
n D
Drra
aw
wiin
ng
g
- Variable Message Signs
- Message Board
A
Ab
bs
so
ollu
utte
e M
Ma
ax
xiim
mu
um
m R
Ra
attiin
ng
gs
s a
att T
Ta
a =
= 2
25
5
°C
Items
Symbol
Absolute maximum
Rating
Unit
Forward Current
*2
IF
50
mA
Peak Forward Current
*1
IFP
200
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
125
mW
Operation Temperature
Topr
-40 ~ + 95
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Lead Soldering
Temperature
Tsol
Max.260
°C for 3 sec Max.
(3mm from the base of the epoxy bulb)
*1 pulse width <=0.1msec duty <=1/10
*2 For long term performance the drive currents between 10mA and 30mA are recommended. Please contact COTCO
sales representative for more information on recommended drive conditions.
T
Ty
yp
piic
ca
all E
Elle
ec
cttrriic
ca
all &
& O
Op
pttiic
ca
all C
Ch
ha
arra
ac
ctte
erriis
sttiic
cs
s (( T
Ta
a =
= 2
25
5
°C))
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20mA
---
2.0
2.5
V
Reverse Current
IR
VR = 5V
---
---
100
µA
Dominant Wavelength
λD
IF = 20mA
600
605
609
nm
Luminous Intensity
IV
IF = 20mA
770
1300
---
mcd
2
θ½H-H
IF = 20mA
---
65
---
deg
50% Power Angle
2
θ½V-V
IF = 20mA
---
30
---
deg



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com