Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO566PYO2-65H-A-MT Datasheet(PDF) 4 Page - Marktech Corporate

Part # LO566PYO2-65H-A-MT
Description  SPECIFICATION FOR COTCO LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LO566PYO2-65H-A-MT Datasheet(HTML) 4 Page - Marktech Corporate

  LO566PYO2-65H-A-MT Datasheet HTML 1Page - Marktech Corporate LO566PYO2-65H-A-MT Datasheet HTML 2Page - Marktech Corporate LO566PYO2-65H-A-MT Datasheet HTML 3Page - Marktech Corporate LO566PYO2-65H-A-MT Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LO566PYO2-65H-A-MT
Rev. No.
01
G
Grra
ap
ph
hs
s
V-V : 30
H-H : 65
0.0
-10.0
-40.0
-50.0
-30.0
-20.0
800
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
FIG.5 MAXIMUM FORWARD DC CURRENT VS
60
R
θj-a=450 C/W
60.0
AMBIENT TEMPERATURE (Tjmax=105 C)
0.0
20.0 40.0
0
20
40
100.0
80.0
T ( C)
FIG.6 FAR FIELD PATTERN
-60
-90
60
30
0
-30
60.0
FORWARD CURRENT.
R
θj-pin=220 C/W
IF(mA)
100
80
20.0
0.0
40.0
100.0
80.0
3.0
0.0
1.0
2.0
5.0
4.0
If(mA)
0%
H-H
400
WAVELENGTH.
50% Power Angle :
300
V-V
0
600
500
700
75%
25%
50%
100%
80.0
2.4
FIG.1 FORWARD CURRENT VS.
FORWARD VOLTAGE.
2.0
1.8
0.0
2.2
20.0
40.0
60.0
2.8
2.6
Vf(V)
If (mA)
100.0
FIG.2 REVERSE CURRENT VS.
REVERSE VOLTAGE.
Ir(uA)
Vr(V)
-50
-60
-30
-40
-10
-20
90
0%
0%
40%
40%
20%
20%
60%
60%
Ie(%)
80%
80%
100%
100%
WL(nm)
Domi WL= 605nm
Half Power
WL=20nm
1.
Cathode PAD Area (0.18
x 0.18inch2)
2. Height above nominal seating plane in inches(0.3inch)
Items
Signatures
Date
Revision History
Prepared by
LiuZM
2006-12-06
Rev. No
Date
Change Description
Checked by
MaJF
2006-12-06
Approved by
David
2006-12-06
FCN#
FCN20060
Data is subject to change without prior notice; please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com