Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2509CSRL Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2509CSRL
Description  3A / 500KHz PWM Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2509CSRL Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2509CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS2509
3A / 500KHz PWM Buck Converter
3/9
Version: A09
Application Circuit
MLCC
Compensation Capacitor Selection (MLCC)
VIN
VOUT
L1
R3
C7
C1
7~23V
5.0/3.3/2.5V
15uH
2.2K
330pF
1nF
7~20V
1.8/1.5V
10uH
2K
330pF
1nF
9~20V
1.2V
10uH
2K
330pF
820pF
9~18V
1.1V
10uH
2K
560pF
820pF
9~18V
1.0V
10uH
2K
560pF
680pF
4~10V
3.3/2.5V
15uH
6.8K
330pF
1nF
4~10V
1.8/1.5/1.2/ 1.1/1.0V
10uH
4.7K
330pF
1nF
EL CAP
Compensation Capacitor Selection (EL CAP)
VIN
VOUT
L1
R3
C7
C1
7-20V
5.0/3.3/2.5/1.8V
Coil
3.9K
10nF
1nF
7-20V
1.8/1.5V
Coil
2K
10nF
1nF
5-7V
3.3/2.5/1.8/1.5/1.2V
Coil
2K
10nF
1nF
5-20V
3.3/2.5/1.8/1.5/1.2V
SMD
0.82K
10nF
1nF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com