Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2509CSRL Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS2509CSRL
Description  3A / 500KHz PWM Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2509CSRL Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2509CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS2509
3A / 500KHz PWM Buck Converter
5/9
Version: A09
Function Descriptions (Continue)
Output Capacitor Selection
(EL CAP)
The output capacitor is required to filter the output and provide regulator loop stability. The important capacitor
parameters are; the 100KHz Equivalent Series Resistance (ESR), the RMS ripples current rating, voltage rating, and
capacitance value. For the output capacitor, the ESR value is the most important parameter. The ESR can be
calculated from the following formula.
VRIPPLE = ∆IL x ESR = 0.4A x 110mΩ = 44mV
An aluminum electrolytic capacitor's ESR value is related to the capacitance and its voltage rating. In most case, higher
voltage electrolytic capacitors have lower ESR values. Most of the time, capacitors with much higher voltage ratings
may be needed to provide the low ESR values required for low output ripple voltage. It is recommended to replace this
low ESR capacitor by using a 330µF low ESR values < 110mΩ
(MLCC)
A 33µF MLCC or three 10uF MLCC capacitors for most applications is sufficient.
RDS(ON) Current Limiting
The current limit threshold is setting by the internal circuit.
VIN
4.6V~6V
6V~10V
10V~23V
ICL(MIN)
3A
3.8A
4.0A
IOUT(MAX)
2.5A
3A
3A
Layout Guidance
When laying out the PC board, the following suggestions should be taken to ensure proper operation of the TS2509.
These items are also illustrated graphically in below.
1. The power traces, including the PMOS Drain & Source trace, the Schottky and the C2 trace should be kept short,
direct and wide to allow large current flow.
2. Connect the C5 to the VCC & EN pins of the TS2509 as closely as possible to get good power filter effect.
3. Keep the switching node, away from the sensitive FB node.
4. Connect ground side of the C2 & D1 as closely as possible.
5. Connect PMOS Source and R3 as closely as possible.
6. Do not trace signal line under inductor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com