Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2509CSRL Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS2509CSRL
Description  3A / 500KHz PWM Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2509CSRL Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2509CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS2509
3A / 500KHz PWM Buck Converter
4/9
Version: A09
Function Descriptions
PWM Control
The TS2509 consists of DC/DC converters that employ a pulse-width modulation (PWM) system. In converters of the
TS2509, the pulse width varies in a range from 0 to 100%, according to the load current. The ripple voltage produced
by the switching can easily be removed through a filter because the switching frequency remains constant. Therefore,
these converters provide a low-ripple power over broad ranges of input voltage and load current.
Setting the Output Voltage
Application circuit item shows the basic application circuit with TS2509 adjustable output version. The external resistor
sets the output voltage according to the following equation:
(EL CAP) Resistor select for output voltage setting
(MLCC) Resistor select for output voltage setting
VOUT
R2
R1
VOUT
R2
R1
5V
1.3K
6.8K
5V
7.5K
39K
3.3V
1.5K
4.7K
3.3V
15K
47K
2.5V
2.2K
4.7K
2.5V
22K
47K
1.8V
2K
2.5K
1.8V
27K
33K
1.5V
2.2K
2K
1.5V
30K
27K
1.2V
3K
1.5K
1.2V
30K
15K
1V
10K
2.5K
1V
56K
13K
Inductor Selection
For most designs, the operate with inductors of 10µH to 22µH. The inductor value can be derived from the following
equation:
L1 Recommend Value (VIN=12V, IOUT=3A)
VOUT
1.8V
2.5V
3.3V
5V
L1 Value
10~15uH
10~15uH
15~22uH
15~22uH
Where is inductor Ripple Current. Large value inductors lower ripple current and small value inductors result in high
ripple currents. Choose inductor ripple current approximately 15% of the maximum load current 3A, ΔIL=0.4A. The DC
current rating of the inductor should be at least equal to the maximum load current plus half the ripple current to
prevent core saturation (3A+0.2A).
Input Capacitor Selection
(EL CAP)
This capacitor should be located close to the IC using short leads and the voltage rating should be approximately 1.5
times the maximum input voltage. The RMS current rating requirement for the input capacitor of a buck regulator is
approximately 1⁄2 the DC load current. A low ESR input capacitor sized for maximum RMS current must be used. A
220µF low ESR capacitor for most applications is sufficient.
(MLCC)
A 22µF MLCC or two 10uF MLCC capacitors for most applications is sufficient.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com