Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPS-4110WG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # XPS-4110WG
Description  8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-4110WG Datasheet(HTML) 4 Page - Optoway Technology Inc

  XPS-4110WG Datasheet HTML 1Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 2Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 3Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 4Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 5Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 6Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 7Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 8Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Optoway
XPS-4110WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2008/5/1
V1.0
4
Management Interface
The structure of the memory map is shown in Figure 1, which is accessible over a 2-wire serial interface at the 8-bit
address 1010000X (A0h). The normal 256 byte I2C address space is divided into low and upper blocks of 128 Bytes. The
lower block of 128 Bytes is always directly available and is used for the diagnostics and control function. Multiple blocks of
memories are available in the upper 128 Bytes of the address space. These are individually addressed through a table select
Byte which the user enters into a location in the lower address space. Thus, there is a total available address space of 128*256
= 32 Kbytes in this upper memory space. The contents of Table 01h are listed in Table 1 below. Please refer SFF INF-8077i
(Revision 4.5) for detailed information.
Figure 1. 2-wire Serial Digital Diagnostic Memory Map
Table 1 Monitoring Specification
Data Address
Parameter
Accuracy
96 ~ 97
Temperature
± 3oC
98 ~ 99
Reserved
100 ~ 101
Tx Bias
± 10%
102 ~ 103
Tx Power
± 2dB
104 ~ 105
Rx Power
± 2dB
106 ~ 107
Vcc3
± 3%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com