Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPS-4110WG Datasheet(PDF) 8 Page - Optoway Technology Inc

Part # XPS-4110WG
Description  8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-4110WG Datasheet(HTML) 8 Page - Optoway Technology Inc

  XPS-4110WG Datasheet HTML 1Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 2Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 3Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 4Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 5Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 6Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 7Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 8Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Optoway
XPS-4110WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2008/5/1
V1.0
8
Table 2 Serial ID Memory Contents (Table 01h)
Address
Field
Size
(Byte)
Name of Filed
Description
Hex
128
1
Identifier
XFP
06
129
1
Ext. Identifier
power consumption < 2 W, no Ref Clock
required
50
130
1
Connector type
LC connector
07
131~138
8
Transceiver
800-SM-LL-L
00 00 00 00 00 00 00 00
139
1
Encoding
8B/10B, NRZ
50
140
1
BR-Min
1.063Gbps
0A
141
1
BR-Max
8.5Gbps
55
142
1
length (SMF)-Km
10
0A
143
1
Length (E-50µm)
0 m
00
144
1
Length (50 µm)
0 m
00
145
1
Length (62.5 µm)
0 m
00
146
1
Length (Copper)
0 m
00
147
1
Device Tech
Uncooled 1310 nm DFB LD, PIN detector
40
148~163
16
Vendor name
OPTOWAY
4F 50 54 4F 57 41 59 20
20 20 20 20 20 20 20 20
164
1
CDR Support
CDR supports 8.5G ~ 1.063G , XFI Loopback
01
165~167
3
Vendor OUI
00 0E FA
168~183
16
Vendor PN
XPS-4110WG
58 50 53 2D 34 31 31 30
57 47 20 20 20 20 20 20
184~185
2
Vendor rev
ASCII (“31 61” means 1a revision)
xx xx
186~187
2
Wavelength
1310 nm
66 58
188~189
2
Wavelength
Tolerance
+/- 40nm
1F 40
190
1
Max Case Temp
70deg
46
191
1
CC_BASE
Check sum of Byte 128 -- 190
192~195
4
Power Supply
2Wmax, 1.5W pd_max , 550mA 3.3V
64 96 06 00
196~211
16
Vendor SN
ASCII
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
212~219
8
Date code
ASCII Year (2 Byte), Month (2 Byte), Day (2
Byte)
xx xx xx xx xx xx 20 20
220
1
Diagnostic
Monitoring Type
No BER Support, Average Power
08
221
1
Enhanced Options
Optional Soft TX_DISABLE implemented,
Optional Soft P_down implemented
60
222
1
Aux Monitoring
AUX1 for Vcc3.
70
223
1
CC_EXT
Check sum of Byte 192 -- 222
224~255
32
Vendor Specific
Reserved
Note: Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com