Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPS-4110WG Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # XPS-4110WG
Description  8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-4110WG Datasheet(HTML) 2 Page - Optoway Technology Inc

  XPS-4110WG Datasheet HTML 1Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 2Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 3Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 4Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 5Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 6Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 7Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 8Page - Optoway Technology Inc XPS-4110WG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Optoway
XPS-4110WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2008/5/1
V1.0
2
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
XPS-4110WG
XPS-4110BWG
XPS-4110AWG
Relative Humidity
RH
0
85
%
Non condensing
Power Supply Voltage
VCC3
0
3.6
V
Input Voltage
---
GND
Vcc3
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
VCC3
3.13
3.3
3.47
V
Power Supply Current (@3.3V)
ICC3
360
550
mA
Power Dissipation
PD
2
W
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / XPS-4110WG
oC / XPS-4110BWG
oC / XPS-4110AWG
Data Rate
8.5
Gb/s
Transmitter Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Average Launch Power
Po, Avg
-8
0
dBm
1
Optical Modulation Amplitude
Po, OMA
0.29
mW
Output Center Wavelength
λc
1270
1310
1350
nm
Output Spectrum Width
σλ
1
nm
-20 dB width
Side Mode Suppression Ratio
SMSR
30
dB
Relative Intensity Noise
RIN
-128
dB/Hz
Average Launch Power of OFF
Transmitter
-30
dBm
1. Output power is power coupled into a 9/125
µm single-mode fiber.
Receiver Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
0.042
mWp-p
2, OMA
Unstressed Sensitivity at 8.5 Gb/s
Sens
-15
dBm
3, Average Power
Stress Sensitivity at 8.5 Gb/s
Sens
---
0.066
mWp-p
2, OMA
Receiver Overload
PMAX
0.5
---
dBm
LOS -- Deasserted
LOSD
---
---
-18
dBm
Transition: low to high
LOS -- Asserted
LOSA
-30
---
---
dBm
Transition: high to low
Wavelength of Operation
λc
1260
1580
nm
Optical Return Loss
ORL
-12
dB
2. Measured with worst ER; BER < 10
-12 and PRBS 27-1.
3. Represents sensitivity based on OMA spec, as corrected to incoming Extinction Ratio of 7 dB. For example, an OMA of 0.042 mW is
approximately equal to an average power of -15 dBm, average with an Extinction ratio of 7 dB.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com