Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIM-R1AA38-1 Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MIM-R1AA38-1
Description  INFRARED RECEIVER MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIM-R1AA38-1 Datasheet(HTML) 2 Page - Unity Opto Technology

  MIM-R1AA38-1 Datasheet HTML 1Page - Unity Opto Technology MIM-R1AA38-1 Datasheet HTML 2Page - Unity Opto Technology MIM-R1AA38-1 Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MIM-R1AA38-1
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Remark
Supply voltage
VCC
5.8
V
Operating temperature
Topr
-10 ~ + 60
°C
Storage temperature
Tstg
-20 ~ + 75
°C
Soldering temperature
Tsd
260
°C
Maximum 5 seconds
Power Dissipation
PD
17.5
Vcc=+5.0V ; under no signal
Electro-optical characteristics (Vcc=5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remarks
Current consumption
Icc
5.0
mA
Under no signal
Response wavelength
p
940
nm
Tuning frequency
f0
37.9
KHZ
Output form
- - - - - active low output - - - - -
H level output voltage
V0h
4.2
V
L level output voltage
V0l
0.5
V
H level output pulse width
Twh
400
800
s
L level output pulse width
Twl
400
800
s
L
10.0
m
Note 1
Half angle
±16
±55
deg
Horizonal direction
Test Method
A. Standard Transmitter
Distance between emitter &detector
Unity Opto Technology Co., Ltd.
@ T
A=25°C
@ T
A=25°C
carrier frequency f0
duty 50%
ON/OFF pulse width satisfied from 20 cm to detection limit
600
µs
600
µs
600
µs
Fig 1. Burst Wave
+5v
Vout
20cm
Transmitter
Duty 50%
Oscilloscope
Fig 2. Standard Transmitter Measurement
circuit
10k
Ω
mW
07/26/2000
P2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com