Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIM-R1AA38-1 Datasheet(PDF) 3 Page - Unity Opto Technology

Part # MIM-R1AA38-1
Description  INFRARED RECEIVER MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIM-R1AA38-1 Datasheet(HTML) 3 Page - Unity Opto Technology

  MIM-R1AA38-1 Datasheet HTML 1Page - Unity Opto Technology MIM-R1AA38-1 Datasheet HTML 2Page - Unity Opto Technology MIM-R1AA38-1 Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MIM-R1AA38-1
B. Detection Length Test
C. Pulse Width Test
CHARACTERISTIC CURVES (TA=25°C)
NOTE 1. Distance between emitter & detector specifies maximum distance that output wave form satisfies
the standard under the conditions below against the standerd transmitter.
(1)Measuring place ………Indoor without extreme reflection of light.
(2)Ambient light source… Detecting surface illumination shall be 200±50Lux under ordinary
hite fluorescense lamp of no high frequency lighting.
(3)Standard transmitter … Burst wave indicated in Fig 1. of standard transmitter
shall be arranged to 50mVp-p under the measuring circuit specified in Fig 2.
Unity Opto Technology Co., Ltd.
θ: indicates horizontal and vertical directions
θ
θ
Vout
D.U.T
L
Transmitter output
SUPPLY VOLTAGE vs. SUPPLY CURRENT
2.2
2.8
2.7
2.6
2.4
2.0
2
3
4
5
6
7
8
Supply Voltage Vcc (V)
INPUT LEVEL vs.OUTPUT PULSE WIDTH
Input Level VIN (mVP-P)
400
500
600
700
800
900
0.1
1
10
100
1000
Burst length * 600
µs, cycle = 1.2ms
tpw: Average value of output from start
of signal input to 60th pulse
Input Level (mVp-p)
INPUT LEVEL vs.OUTPUT PULSE WIDTH
600
µs
Transmitter output
DUT output pulse
600
µs
V0l
V0h
Twl
Twh
07/26/2000
P3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com