Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIM-R1AA38-1 Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MIM-R1AA38-1
Description  INFRARED RECEIVER MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIM-R1AA38-1 Datasheet(HTML) 1 Page - Unity Opto Technology

  MIM-R1AA38-1 Datasheet HTML 1Page - Unity Opto Technology MIM-R1AA38-1 Datasheet HTML 2Page - Unity Opto Technology MIM-R1AA38-1 Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INFRARED RECEIVER MODULE
MIM-R1AA38-1
Description
Package Dimensions
Features
l
Photo detector and preamplifier in one package
l
Internal filter for PCM frequency
l
High immunity against ambient light
l
Improved shielding against electric field disturbance
l
5-Volt supply voltage; low power consumption
l
TTL and CMOS compatibility
Vout
GND
Vcc
BLOCK DIAGRAM
Unity Opto Technology Co., Ltd.
The MIM-R1AA38-1 series are 37.9 KHZ miniaturized
infrared receivers for remote control and other
appplications requiring improved ambient light rejection.
The separate PIN diode and preamplifier IC are
assembled on a single leadframe.
The epoxy package contains a special IR filter.
This module has excellent performance even in disturbed
ambient light applications and provides protection
against uncontrolled output pulses.
MIM-R1AA38-1
unit : mm
Notes :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Lead spacing is measured where the leads emerge from the package.
1.4±0.3
0.4±0.05
0.8max.
2.54
CENTER OF SENSOR
0.5±0.05
9.2±0.5
5.08
4±0.3
5.8±0.3
10±0.3
0.65
1
2
3
2
3
1
Output
V
GND
ABLC
TRAP
BPF
TRIMMIN
G
fo
AM
07/26/2000
P1


Similar Part No. - MIM-R1AA38-1

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIM-R1AA38 UOT-MIM-R1AA38 Datasheet
70Kb / 3P
INFRARED RECEIVER MODULE
More results

Similar Description - MIM-R1AA38-1

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIM-0KM2AKF UOT-MIM-0KM2AKF Datasheet
61Kb / 5P
INFRARED RECEIVER MODULE
logo
List of Unclassifed Man...
PIC-1018SMB ETC-PIC-1018SMB Datasheet
204Kb / 3P
INFRARED RECEIVER MODULE
logo
BRIGHT LED ELECTRONICS ...
BRM-1040-NS BRIGHT-BRM-1040-NS Datasheet
221Kb / 5P
INFRARED RECEIVER MODULE
logo
Unity Opto Technology
MIM-5335S2F UOT-MIM-5335S2F Datasheet
233Kb / 6P
INFRARED RECEIVER MODULE
MIM-3337K1F UOT-MIM-3337K1F Datasheet
222Kb / 6P
INFRARED RECEIVER MODULE
MIM-3337H2F UOT-MIM-3337H2F Datasheet
226Kb / 6P
INFRARED RECEIVER MODULE
logo
Everlight Electronics C...
IRM-36XXM3 EVERLIGHT-IRM-36XXM3 Datasheet
332Kb / 7P
Infrared Receiver Module
2010-10-28
EAIRMAA3 EVERLIGHT-EAIRMAA3 Datasheet
379Kb / 8P
Infrared Receiver Module
EAIRMBA0 EVERLIGHT-EAIRMBA0 Datasheet
448Kb / 8P
Infrared Receiver Module
EAIRMBA8 EVERLIGHT-EAIRMBA8 Datasheet
350Kb / 8P
Infrared Receiver Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com