Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIEC45-30AS Datasheet(PDF) 1 Page - STMicroelectronics

Part # STIEC45-30AS
Description  Transil??for IEC 61000-4-5 compliance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIEC45-30AS Datasheet(HTML) 1 Page - STMicroelectronics

  STIEC45-30AS Datasheet HTML 1Page - STMicroelectronics STIEC45-30AS Datasheet HTML 2Page - STMicroelectronics STIEC45-30AS Datasheet HTML 3Page - STMicroelectronics STIEC45-30AS Datasheet HTML 4Page - STMicroelectronics STIEC45-30AS Datasheet HTML 5Page - STMicroelectronics STIEC45-30AS Datasheet HTML 6Page - STMicroelectronics STIEC45-30AS Datasheet HTML 7Page - STMicroelectronics STIEC45-30AS Datasheet HTML 8Page - STMicroelectronics STIEC45-30AS Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
December 2009
Doc ID 16871 Rev 1
1/9
9
STIEC45-XXAS
Transil™ for IEC 61000-4-5 compliance
Features
■ Peak pulse current: 500 A (8/20 μs, 1.2/50 µs)
■ Stand off voltage range: from 24 V to 33 V
■ Unidirectional types
■ Low leakage current
– 0.2 µA at 25 °C
– 1 µA at 85 °C
■ Operating Tj max: 150 °C
■ High peak current capability at Tj max :
410 A 8/20 µs
■ JEDEC registered package outline
Complies with the following standards
■ IEC 61000-4-2 level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G - Method 3015-7 Class 3B
– 25 kV HBM (human body model)
■ IEC 61000-4-5
– Level 4 4 kV with R = 12
Ω (334 A)
common mode
– Level 2 1 kV with R = 2
Ω (500 A)
differential mode
■ MIL STD 883G, method 3015-7 Class 3B
-25 kV HBM (human body model)
■ Resin meets UL 94, V0
■ MIL-STD-750, method 2026 soldererabilty
■ EIA STD RS-481 and IEC 60286-3 packing
■ IPC 7531 footprint
Description
The STIEC45 Transil series has been designed to
protect DC power supply lines according to
IEC 61000-4-5. This device protects circuits
against electrical fast transients (EFT) according
to IEC 61000-4-4 and ETS EN 300 386.
Protection against electrostatic discharges is
provided according to IEC 61000-4-2 and
MIL STD 883 Method 3015.
Planar technology makes these devices suitable
for high-end equipment and SMPS where low
leakage current and high junction temperature are
required to provide reliability and stability over
time.
The STIEC45 device is packaged in SMC (SMC
footprint in accordance with IPC 7351 standard).
TM: Transil is a trademark of STMicroelectronics
K
A
SMC
(JEDEC DO-214AB)
www.st.com


Similar Part No. - STIEC45-30AS

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
STI MITSUMI-STI Datasheet
152Kb / 2P
Small Type Tactile Switches
logo
List of Unclassifed Man...
STI-01(T)-110N ETC2-STI-01(T)-110N Datasheet
232Kb / 8P
Crimping tools and machines
STI-01(T)-110N ETC2-STI-01(T)-110N Datasheet
224Kb / 8P
APPLICATION TOOLING
STI-01-110N ETC1-STI-01-110N Datasheet
254Kb / 7P
TERMINAL
STI-01T-110N ETC1-STI-01T-110N Datasheet
254Kb / 7P
TERMINAL
More results

Similar Description - STIEC45-30AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1M6 STMICROELECTRONICS-ESDA6V1M6 Datasheet
237Kb / 11P
4- and 5-line Transil??arrays for ESD protection
18-Feb-2008
logo
NXP Semiconductors
PRTR5V0U6AS NXP-PRTR5V0U6AS Datasheet
57Kb / 7P
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01-18 February 2008
IP4234CZ6 NXP-IP4234CZ6 Datasheet
68Kb / 9P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 01-16 April 2009
logo
STMicroelectronics
AN3353 STMICROELECTRONICS-AN3353 Datasheet
178Kb / 9P
IEC 61000-4-2 standard testing
24-Jun-2011
logo
NXP Semiconductors
IP4234CZ6 PHILIPS-IP4234CZ6_15 Datasheet
68Kb / 9P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 01-16 April 2009
logo
Total Power Internation...
TPAC250 TOTAL-POWER-TPAC250 Datasheet
496Kb / 2P
MEET IEC 61000-3-2 HARMONIC CORRECTION
TPAC500 TOTAL-POWER-TPAC500 Datasheet
408Kb / 2P
MEET IEC 61000-3-2 HARMONIC CORRECTION
logo
Nexperia B.V. All right...
IP4234CZ6 NEXPERIA-IP4234CZ6 Datasheet
190Kb / 11P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 3.0 - 31 January 2018
PRTR5V0U6AS NEXPERIA-PRTR5V0U6AS Datasheet
172Kb / 8P
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01 - 18 February 2008
logo
Guangdong Youtai Semico...
PSD03 UMW-PSD03 Datasheet
478Kb / 5P
Compatible with IEC 61000-4-2 (ESD): Air -15kV, Contact - 8kV
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com