Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIEC45-30AS Datasheet(PDF) 5 Page - STMicroelectronics

Part # STIEC45-30AS
Description  Transil??for IEC 61000-4-5 compliance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIEC45-30AS Datasheet(HTML) 5 Page - STMicroelectronics

  STIEC45-30AS Datasheet HTML 1Page - STMicroelectronics STIEC45-30AS Datasheet HTML 2Page - STMicroelectronics STIEC45-30AS Datasheet HTML 3Page - STMicroelectronics STIEC45-30AS Datasheet HTML 4Page - STMicroelectronics STIEC45-30AS Datasheet HTML 5Page - STMicroelectronics STIEC45-30AS Datasheet HTML 6Page - STMicroelectronics STIEC45-30AS Datasheet HTML 7Page - STMicroelectronics STIEC45-30AS Datasheet HTML 8Page - STMicroelectronics STIEC45-30AS Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STIEC45-XXAS
Characteristics
Doc ID 16871 Rev 1
5/9
Figure 9.
Leakage current versus junction temperature (typical values)
Figure 7.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under each lead
Z
th(j a) /Rth(j a)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
tP(s)
Recommended pad layout
PCB FR4, copper thickness = 35 µm
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SCU(cm²)
PCB FR4, copper thickness = 35 µm
R
(°C/W)
th(j-a)
IR (nA)
1.E+00
1.E+01
1.E+02
1.E+03
25
50
75
100
125
150
V
R=VRM
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com