Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIEC45-30AS Datasheet(PDF) 2 Page - STMicroelectronics

Part # STIEC45-30AS
Description  Transil??for IEC 61000-4-5 compliance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIEC45-30AS Datasheet(HTML) 2 Page - STMicroelectronics

  STIEC45-30AS Datasheet HTML 1Page - STMicroelectronics STIEC45-30AS Datasheet HTML 2Page - STMicroelectronics STIEC45-30AS Datasheet HTML 3Page - STMicroelectronics STIEC45-30AS Datasheet HTML 4Page - STMicroelectronics STIEC45-30AS Datasheet HTML 5Page - STMicroelectronics STIEC45-30AS Datasheet HTML 6Page - STMicroelectronics STIEC45-30AS Datasheet HTML 7Page - STMicroelectronics STIEC45-30AS Datasheet HTML 8Page - STMicroelectronics STIEC45-30AS Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STIEC45-XXAS
2/9
Doc ID 16871 Rev 1
1
Characteristics
Figure 1.
Electrical characteristics - parameters
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
IPP
Peak pulse current(1) (8/20 µs, 1.2/50 µs)
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Tj initial = Tamb
500
A
Tstg
Storage temperature range
-65 to +150
°C
Tj
Operating junction temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
Table 2.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
15
°C/W
Rth(j-a)
Junction to ambient on printed circuit on recommended pad layout
90
°C/W
I
V
IF
IRM
IR
IPP
VRM
VF
VBR
VCL
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
I
=
Forward current
I
=
Peak pulse current
I
=
Breakdown current
V
=
Forward voltage drop
R
BR
RM
RM
RM
PP
R
F
V
=
Clamping voltage
CL
F
d
=
Dynamic impedance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com