Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3565 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3565
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3565 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3565 Datasheet HTML 9Page - Linear Technology LTC3565 Datasheet HTML 10Page - Linear Technology LTC3565 Datasheet HTML 11Page - Linear Technology LTC3565 Datasheet HTML 12Page - Linear Technology LTC3565 Datasheet HTML 13Page - Linear Technology LTC3565 Datasheet HTML 14Page - Linear Technology LTC3565 Datasheet HTML 15Page - Linear Technology LTC3565 Datasheet HTML 16Page - Linear Technology LTC3565 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC3565

3565fa
is adequate for filtering. The output ripple (
ΔVOUT) is
determined by:
ΔVOUT ≈ ΔIL ESR +
1
8fOCOUT
⎛
⎝
⎜
⎞
⎠
⎟
where f = operating frequency, COUT = output capacitance
and
ΔIL = ripple current in the inductor. The output ripple
is highest at maximum input voltage since
ΔIL increases
with input voltage. With
ΔIL = 0.4 • IOUT(MAX), the output
ripplewillbelessthan100mVatmaximumVIN,aminimum
COUT of 10µF and fO = 1MHz with:
ESRCOUT < 150mΩ
Once the ESR requirements for COUT have been met, the
RMS current rating generally far exceeds the IRIPPLE(P-P)
requirement, except for an all ceramic solution.
In surface mount applications, multiple capacitors may
have to be paralleled to meet the capacitance, ESR or RMS
currenthandlingrequirementoftheapplication.Aluminum
electrolytic, special polymer, ceramic and dry tantalum
capacitorsareallavailableinsurfacemountpackages.The
OS-CONsemiconductordielectriccapacitoravailablefrom
Sanyo has the lowest ESR(size) product of any aluminum
electrolytic at a somewhat higher price. Special polymer
capacitors, such as Sanyo POSCAP, offer very low ESR,
but have a lower capacitance density than other types.
Tantalumcapacitorshavethehighestcapacitancedensity,
but it has a larger ESR and it is critical that the capacitors
are surge tested for use in switching power supplies.
An excellent choice is the AVX TPS series of surface
mount tantalums, available in case heights ranging from
2mm to 4mm. Aluminum electrolytic capacitors have a
significantly larger ESR, and is often used in extremely
cost-sensitive applications provided that consideration
is given to ripple current ratings and long term reliability.
Ceramic capacitors have the lowest ESR and cost but also
have the lowest capacitance density, a high voltage and
temperature coefficient and exhibit audible piezoelectric
effects. In addition, the high Q of ceramic capacitors along
with trace inductance can lead to significant ringing. Other
capacitor types include the Panasonic specialty polymer
(SP) capacitors.
In most cases, 0.1µF to 1µF of ceramic capacitors should
also be placed close to the LTC3565 in parallel with the
main capacitors for high frequency decoupling.
Ceramic Input and Output Capacitors
Higher value, lower cost ceramic capacitors are now be-
coming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them
ideal for switching regulator applications. Because the
LTC3565’s control loop does not depend on the output
capacitor’s ESR for stable operation, ceramic capacitors
can be used freely to achieve very low output ripple and
small circuit size.
However, care must be taken when ceramic capacitors are
used at the input. When a ceramic capacitor is used at the
input and the power is supplied by a wall adapter through
long wires, a load step at the output can induce ringing at
the input, VIN.Atbest,thisringingcancoupletotheoutput
and be mistaken as loop instability. At worst, a sudden
inrush of current through the long wires can potentially
cause a voltage spike at VIN large enough to damage the
part. Refer to Linear Technology Application Note 88 for
a detailed discussion of this potential issue.
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics have the best temperature and voltage charac-
teristics of all the ceramics for a given value and size.
Since the ESR of a ceramic capacitor is so low, the input
and output capacitor must instead fulfill a charge storage
requirement.Duringaloadstep,theoutputcapacitormust
instantaneously supply the current to support the load
until the feedback loop raises the switch current enough
to support the load. The time required for the feedback
loop to respond is dependent on the compensation com-
ponents and the output capacitor value. Typically, 3 to 4
cycles are required to respond to a load step, but only in
the first cycle does the output drop linearly. The output
droop, VDROOP, is usually about 2 to 3 times the linear
applications inForMation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com