Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3565 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3565
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3565 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3565 Datasheet HTML 2Page - Linear Technology LTC3565 Datasheet HTML 3Page - Linear Technology LTC3565 Datasheet HTML 4Page - Linear Technology LTC3565 Datasheet HTML 5Page - Linear Technology LTC3565 Datasheet HTML 6Page - Linear Technology LTC3565 Datasheet HTML 7Page - Linear Technology LTC3565 Datasheet HTML 8Page - Linear Technology LTC3565 Datasheet HTML 9Page - Linear Technology LTC3565 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC3565

3565fa
typical perForMance characteristics T
J = 25°C, VIN = 3.6V, fO = 1MHz, unless
otherwise noted.
VIN = 3.6V
VOUT = 1.8V
ILOAD = 80mA
SW
2V/DIV
VOUT
50mV/DIV
AC COUPLED
IL
200mA/DIV
3565 G19
2µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A
Burst Mode OPERATION
RUN
2V/DIV
VOUT
1V/DIV
IL
500mA/DIV
3565 G20
400µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 1.25A
Burst Mode OPERATION
RUN
2V/DIV
VOUT
1V/DIV
IL
1A/DIV
3565 G21
400µs/DIV
Forced Continuous Mode
Start-Up from Shutdown
Start-Up from Shutdown
TEMPERATURE (°C)
600
500
400
300
200
100
0
3565 G16
–50
25
75
100
125
–25
0
50
MAIN SWITCH
SYNCHRONOUS SWITCH
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA
SW
2V/DIV
VOUT
50mV/DIV
AC COUPLED
IL
200mA/DIV
3565 G17
4µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 5mA
SW
2V/DIV
VOUT
50mV/DIV
AC COUPLED
IL
200mA/DIV
3565 G18
4µs/DIV
Switch Leakage vs Temperature
Burst Mode Operation
Pulse Skipping Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com