Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3565 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3565
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3565 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3565 Datasheet HTML 10Page - Linear Technology LTC3565 Datasheet HTML 11Page - Linear Technology LTC3565 Datasheet HTML 12Page - Linear Technology LTC3565 Datasheet HTML 13Page - Linear Technology LTC3565 Datasheet HTML 14Page - Linear Technology LTC3565 Datasheet HTML 15Page - Linear Technology LTC3565 Datasheet HTML 16Page - Linear Technology LTC3565 Datasheet HTML 17Page - Linear Technology LTC3565 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LTC3565

3565fa
drop of the first cycle. Thus, a good place to start is with
the output capacitor value of approximately:
COUT ≈ 2.5
ΔIOUT
fO • VDROOP
More capacitance may be required depending on the duty
cycle and load step requirements.
Inmostapplications,theinputcapacitorismerelyrequired
to supply high frequency bypassing, since the impedance
to the supply is very low. A 10µF ceramic capacitor is
usually enough for these conditions.
Setting the Output Voltage
The LTC3565 develops a 0.6V reference voltage between
the feedback pin, VFB, and the signal ground as shown in
Figure 4. The output voltage is set by a resistive divider
according to the following formula:
VOUT ≈ 0.6V 1+
R2
R1
⎛
⎝⎜
⎞
⎠⎟
Keeping the current small (<5µA) in these resistors maxi-
mizes efficiency, but making them too small may allow
stray capacitance to cause noise problems and reduce the
phase margin of the error amp loop.
Toimprovethefrequencyresponse,afeed-forwardcapaci-
tor CF may also be used. Great care should be taken to
route the VFB line away from noise sources, such as the
inductor or the SW line.
Shutdown and Soft-Start
Pulling the RUN pin high allows an internal soft-start circuit
to slowly ramp the output voltage up until regulation.
Soft-start prevents surge currents from VIN by gradually
ramping the output voltage up during start-up. The output
will ramp from zero to full scale over a time period of ap-
proximately0.9ms.ThispreventstheLTC3565fromhaving
to quickly charge the output capacitor and thus supplying
an excessive amount of instantaneous current.
The LTC3565 can start into a back-biased output in force
continuous operation. When the output is pre-biased at
either a higher or lower value than the regulated output
voltage, the LTC3565 will sink or source current as needed
to bring the output back into regulation. However, during
soft-start the regulator will always start in pulse skip
mode ignoring the mode selected with the SYNC/MODE
pin. This prevents the output from discharging to below
the regulation point when soft-starting.
Mode Selection and Frequency Synchronization
The SYNC/MODE pin is a multipurpose pin which provides
mode selection and frequency synchronization. Connect-
ing this pin to VIN enables Burst Mode operation, which
provides the best low current efficiency at the cost of a
higher output voltage ripple. When this pin is connected to
ground,pulseskippingoperationisselectedwhichprovides
the lowest output voltage and current ripple at the cost
of low current efficiency. Applying a voltage that is half
the value of the input voltage results in forced continuous
mode, which creates a fixed output ripple and is capable of
sinking up to 0.4A. Since the switching noise is constant
in this mode, it is also the easiest to filter out.
The LTC3565 can also be synchronized to an external
clock signal by the SYNC/MODE pin. The internal oscilla-
tor frequency should be set to ±20% of the external clock
frequency to ensure adequate slope compensation, since
slope compensation is derived from the internal oscillator.
During synchronization, the mode is set to pulse skipping
and the top switch turn on is synchronized to the falling
edge of the external clock.
applications inForMation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com