Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3633 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3633
Description  Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3633 Datasheet HTML 6Page - Linear Technology LTC3633 Datasheet HTML 7Page - Linear Technology LTC3633 Datasheet HTML 8Page - Linear Technology LTC3633 Datasheet HTML 9Page - Linear Technology LTC3633 Datasheet HTML 10Page - Linear Technology LTC3633 Datasheet HTML 11Page - Linear Technology LTC3633 Datasheet HTML 12Page - Linear Technology LTC3633 Datasheet HTML 13Page - Linear Technology LTC3633 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC3633
10
3633f
BLOCK DIAGRAM
0.72V
6V
VON
VIN
CIN
1.25V
INTVCC
INTVCC
RUN
+
ITH
PGOOD
AV = 1
tON =
VVON
IION
ION
VIN
ICMP
IREV
OSC1
180k
ON
TG
M1
BOOST
SW
PGND
FB
SENSE
SENSE+
1.4μA
0.6V
REF
M2
BG
SWITCH
LOGIC
AND
ANTI-
SHOOT
THROUGH
ION
CONTROLLER
COMP
SELECT
OSC
OSC
PLL-SYNC
PHASE
SELECT
MODE
SELECT
R
SQ
CBOOST
L1
COUT
+
+
EA
CC1
RC
0.648V
0.552V
TRACK
0.48V AT START-UP
0.10V AFTER START-UP
CHANNEL 1
CHANNEL 2 (SAME AS CHANNEL 1)
3633 BD
OSC1
OSC2
RT
RRT
PHMODE
R2
R1
INTERNAL
SOFT-START
IDEAL DIODES
+
+
+
BURST
FC
3.3V
REG
PVIN1
MODE/SYNC
TRACKSS
V2P5
SGND
INTVCC
CVCC
2.5V
REG
CSS
RUN
RUN
0V
UV
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com