Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3633 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3633
Description  Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633 Datasheet(HTML) 2 Page - Linear Technology

  LTC3633 Datasheet HTML 1Page - Linear Technology LTC3633 Datasheet HTML 2Page - Linear Technology LTC3633 Datasheet HTML 3Page - Linear Technology LTC3633 Datasheet HTML 4Page - Linear Technology LTC3633 Datasheet HTML 5Page - Linear Technology LTC3633 Datasheet HTML 6Page - Linear Technology LTC3633 Datasheet HTML 7Page - Linear Technology LTC3633 Datasheet HTML 8Page - Linear Technology LTC3633 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3633
2
3633f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN1, VIN2 ................................................... –0.3V to 16V
VIN1, VIN2 Transient ...................................................18V
PGOOD1, PGOOD2, VON1, VON2 ................. –0.3V to 16V
BOOST1, BOOST2................................... –0.3V to 19.6V
BOOST1-SW1, BOOST2-SW2 ................... –0.3V to 3.6V
V2P5, INTVCC, TRACKSS1, TRACKSS2...... –0.3V to 3.6V
ITH1, ITH2, REXT, MODE/SYNC.... –0.3V to INTVCC + 0.3V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3633EUFD#PBF
LTC3633EUFD#TRPBF
3633
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3633IUFD#PBF
LTC3633IUFD#TRPBF
3633
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3633EFE#PBF
LTC3633EFE#TRPBF
LTC3633FE
28-Lead Plastic TSSOP
–40°C to 125°C
LTC3633IFE#PBF
LTC3633IFE#TRPBF
LTC3633FE
28-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping
container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VFB1, VFB2, PHMODE................... –0.3V to INTVCC + 0.3V
RUN1, RUN2.................................... –0.3V to VIN + 0.3V
SW1, SW2 ....................................... –0.3V to VIN + 0.3V
SW Source and Sink Current (DC) (Note 2) ................3A
Operating Junction Temperature Range
(Note 3).................................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C
9
10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm × 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
PGOOD1
PHMODE
RUN1
MODE/SYNC
RT
RUN2
SGND
PGOOD2
VIN1
VIN1
BOOST1
INTVCC
V2P5
BOOST2
VIN2
VIN2
7
17
18
19
20
21
22
16
8
15
29
PGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ITH1
TRACKSS1
VFB1
PGOOD1
PHMODE
RUN1
MODE/SYNC
RT
RUN2
SGND
PGOOD2
VFB2
TRACKSS2
ITH2
VON1
SW1
SW1
VIN1
VIN1
BOOST1
INTVCC
V2P5
BOOST2
VIN2
VIN2
SW2
SW2
VON2
29
PGND
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 29) IS PGND, MUST BE SOLDERED TO PCB
TJMAX = 125°C, θJA = 25°C/W
EXPOSED PAD (PIN 29) IS PGND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com