Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3633 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3633
Description  Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3633 Datasheet HTML 18Page - Linear Technology LTC3633 Datasheet HTML 19Page - Linear Technology LTC3633 Datasheet HTML 20Page - Linear Technology LTC3633 Datasheet HTML 21Page - Linear Technology LTC3633 Datasheet HTML 22Page - Linear Technology LTC3633 Datasheet HTML 23Page - Linear Technology LTC3633 Datasheet HTML 24Page - Linear Technology LTC3633 Datasheet HTML 25Page - Linear Technology LTC3633 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC3633
22
3633f
APPLICATIONS INFORMATION
A 47μF ceramic capacitor should be sufficient for channel
1. Solving the same equation for channel 2 (using 5% of
VOUT for VDROOP) results in 27μF of capacitance (22μF is
the closest standard value).
CIN should be sized for a maximum current rating of:
IA
VV
V
V
A
RMS =
−
()
=
3
1 8
13 2
1 8
13 2
1
..
.
.
Solving this equation for channel 2 results in an RMS
input current of 1.3A. Decoupling each VIN input with
a 47μF ceramic capacitor should be adequate for most
applications.
Lastly, the feedback resistors must be chosen. Picking R1
and R3 to be 12.1k, R2 and R4 are calculated to be:
R2 = (12.1k) •
1.8V
0.6V
–1 = 24.2k
R4 = (12.1k) •
3.3V
0.6V
–1 = 54.5k
The final circuit is shown in Figure 8.
RUN1
RUN2
RT
TRACKSS2
PGOOD2
LTC3633
BOOST2
3633 F08
0.1μF
L2
1μH
R4
54.9k
R3
12.1k
SW2
VON2
VIN2
VIN1
VFB2
PHMODE
TRACKSS1
PGOOD1
BOOST1
SW1
VON1
VFB1
COUT2
22μF
VOUT2
3.3V AT 3A
0.1μF
L1
0.68μH
R2
24.3k
R1
12.1k
COUT1
47μF
VOUT1
1.8V AT 3A
VIN
12V
CIN
47μF
×2
R5
162k
MODE/SYNC
ITH1
ITH2
V2P5
INTVCC
C2
2.2μF
PGND
SGND
Figure 8. Design Example Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com