Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6205CS5 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6205CS5
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6205CS5 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6205CS5 Datasheet HTML 9Page - Linear Technology LT6205CS5 Datasheet HTML 10Page - Linear Technology LT6205CS5 Datasheet HTML 11Page - Linear Technology LT6205CS5 Datasheet HTML 12Page - Linear Technology LT6205CS5 Datasheet HTML 13Page - Linear Technology LT6205CS5 Datasheet HTML 14Page - Linear Technology LT6205CS5 Datasheet HTML 15Page - Linear Technology LT6205CS5 Datasheet HTML 16Page - Linear Technology LT6205CS5 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LT6205/LT6206/LT6207
13
620567fc
APPLICATIONS INFORMATION
black intensity, thereby causing scan retrace activity to be
invisible on a CRT. The black level of the waveform is at
(or set up very slightly above) the upper limit of the sync
information. Waveform content above the black level is
intensity information, with peak brightness represented
at the maximum signal level. In the case of composite
video, the modulated color subcarrier is superimposed on
the waveform, but the dynamics remain inside the 1VP-P
limit (a notable exception is the chroma ramp used for
differential-gain and differential-phase measurements,
which can reach 1.15VP-P).
DC-Coupled Video Amplifier Considerations
Typically video amplifiers drive cables that are series
terminated (back-terminated) at the source and load-ter-
minated at the destination with resistances equal to the
cable characteristic impedance, Z0 (usually 75Ω). This
configuration forms a 2:1 resistor divider in the cabling
that must be accounted for in the driver amplifier by
delivering 2VP-P output into an effective 2 • Z0 load (e.g.,
150Ω). Driving the cable can require more than 13mA
while the output is approaching the saturation limits of the
amplifier output. The absolute minimum supply is: VMIN =
2 + VOH +VOL. For example, the LT6206 dual operating on
3.3V as shown on the front page of this data sheet, with
exceptionally low VOH ≤ 0.5V and VOL ≤ 0.35V, provides a
design margin of 0.45V. The design margin must be large
enough to include supply variations and DC bias accuracy
for the DC-coupled video input.
Handling AC-Coupled Video Signals
AC-coupled video inputs are intrinsically more difficult to
handle than those with DC-coupling because the average
signal voltage of the video waveform is effected by the
picture content, meaning that the black level at the amplifier
wanders with scene brightness. The wander is measured
as 0.56V for a 1VP-P NTSC waveform changing from black
field to white field and vice-versa, so an additional 1.12V
allowance must be made in the amplifier supply (assum-
ing gain of 2, so VMIN = 3.12 + VOH +VOL). For example,
an LT6205 operating on 5V has a conservative design
margin of 1.03V. The amplifier output (for gain of 2) must
swing +1.47V to –1.65V around the DC-operating point,
so the biasing circuitry needs to be designed accordingly
for optimal fidelity.
Clamped AC-Input Cable Driver
A popular method of further minimizing supply require-
ments with AC-coupling is to employ a simple clamping
scheme, as shown in Figure 2. In this circuit, the LT6205
operates from 3.3V by having the sync tips control the
charge on the coupling capacitor C1, thereby reducing
the black level input wander to ≈ 0.07V. The only minor
drawback to this circuit is the slight sync tip compression
(≈ 0.025V at input) due to the diode conduction current,
though the picture content remains full fidelity. This circuit
has nearly the design margin of its DC-coupled counter-
part, at 0.31V (for this circuit, VMIN = 2.14 + VOH +VOL).
The clamp diode anode bias is selected to set the sync tip
output voltage at or slightly above VOL.
YPbPr to RGB Component Video Converter
The back page application uses the LT6207 quad to imple-
ment a minimum amplifier count topology to transcode
consumer component video into RGB. In this circuit, signals
only pass through one active stage from any input to any
output, with passive additions being performed by the
cable back-termination resistors. The compromise in using
passive output addition is that the amplifier outputs must
be twice as large as that of a conventional cable driver. The
Y-channel section also has the demanding requirement that
it single-handedly drives all three outputs to full brightness
during times of white content, so a helper current source
is used to assure unclipped video when operating from
±5V supplies. This circuit maps sync-on-Y to sync on all
the RGB channels, and for best results should have input
black levels at 0V nominal to prevent clipping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com