Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6205CS5 Datasheet(PDF) 18 Page - Linear Technology

Part # LT6205CS5
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6205CS5 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT6205CS5 Datasheet HTML 10Page - Linear Technology LT6205CS5 Datasheet HTML 11Page - Linear Technology LT6205CS5 Datasheet HTML 12Page - Linear Technology LT6205CS5 Datasheet HTML 13Page - Linear Technology LT6205CS5 Datasheet HTML 14Page - Linear Technology LT6205CS5 Datasheet HTML 15Page - Linear Technology LT6205CS5 Datasheet HTML 16Page - Linear Technology LT6205CS5 Datasheet HTML 17Page - Linear Technology LT6205CS5 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LT6205/LT6206/LT6207
18
620567fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
LT 0310 REV C • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1253/LT1254
Low Cost Dual and Quad Video Amplifiers
–3dB Bandwidth = 90MHz, Current Feedback
LT1395/LT1396/LT1397 Single Dual Quad 400MHz Current Feedback Amplifiers
0.1dB Flatness to 100MHz, 80mA Output Drive
LT1675
RGB Multiplexer with Current Feedback Amplifiers
–3dB Bandwidth = 250MHz, 100MHz Pixel Switching
LT1809/LT1810
Single/Dual, 180MHz, Rail-to-Rail Input and Output Amplifiers 350V/μs Slew Rate, Shutdown, Low Distortion –90dBc at 5MHz
LT6550/LT6551
3.3V Triple and Quad Video Amplifiers
Internal Gain of 2, 110MHz –3dB Bandwidth, Input Common
Modes to Ground
LT6552
3.3V Single Supply Video Difference Amplifier
Differential or Single-Ended Gain Block, 600V/μs Slew Rate,
Input Common Modes to Ground
YPBPR to RGB Converter
150Ω
499Ω
150Ω
150Ω
150Ω
107Ω
80.6Ω
499Ω
75Ω
75Ω
R
B
150Ω
150Ω
75Ω
G
F3dB 40MHz
IS 60mA
BLACK LEVELS
0V
R = Y + 1.4 • PR
B = Y + 1.8 • PB
G = Y – 0.34 • PB – 0.71 • PR
620567 TA03
LT6207
14
16
15
12
11
10
13
4
6
7
5
3
2
1
1μF
133Ω
75Ω
36Ω
FMMT3906
CMPD6001S
4.7k
95.3Ω
174Ω
5V
1μF
–5V
499Ω
365Ω
499Ω
165Ω
PR
PB
Y
–
+
–
+
–
+
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com