Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6205CS5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6205CS5
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6205CS5 Datasheet(HTML) 1 Page - Linear Technology

  LT6205CS5 Datasheet HTML 1Page - Linear Technology LT6205CS5 Datasheet HTML 2Page - Linear Technology LT6205CS5 Datasheet HTML 3Page - Linear Technology LT6205CS5 Datasheet HTML 4Page - Linear Technology LT6205CS5 Datasheet HTML 5Page - Linear Technology LT6205CS5 Datasheet HTML 6Page - Linear Technology LT6205CS5 Datasheet HTML 7Page - Linear Technology LT6205CS5 Datasheet HTML 8Page - Linear Technology LT6205CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LT6205/LT6206/LT6207
1
620567fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Single/Dual/Quad
Single Supply 3V,
100MHz Video Op Amps
The LT®6205/LT6206/LT6207 are low cost single/dual/
quad voltage feedback amplifiers that feature 100MHz
gain-bandwidth product, 450V/μs slew rate and 50mA
output current. These amplifiers have an input range that
includes ground and an output that swings within 60mV
of either supply rail, making them well suited for single
supply operation.
These amplifiers maintain their performance for supplies
from 2.7V to 12.6V and are specified at 3V, 5V and ±5V.
The inputs can be driven beyond the supplies without
damage or phase reversal of the output. Isolation between
channels is high, over 90dB at 10MHz.
The LT6205 is available in the 5-pin SOT-23, and the LT6206
is available in an 8-lead MSOP package with standard op
amp pinouts. For compact layouts the quad LT6207 is
available in the 16-pin SSOP package. These devices are
specified over the commercial, industrial and automotive
temperature ranges.
Baseband Video Splitter/Cable Driver
n 450V/μs Slew Rate
n 100MHz Gain Bandwidth Product
n Wide Supply Range 2.7V to 12.6V
n Output Swings Rail-to-Rail
n Input Common Mode Range Includes Ground
n High Output Drive: 50mA
n Channel Separation: 90dB at 10MHz
n Specified on 3V, 5V and ±5V Supplies
n Input Offset Voltage: 1mV
n Low Power Dissipation: 20mW per Amplifier on
Single 5V
n Operating Temperature Range: –40°C to 125°C
n Low Profile (1mm) SOT-23 (ThinSOT™) Package
n Video Line Driver
n Automotive Displays
n RGB Amplifiers
n Coaxial Cable Drivers
n Low Voltage High Speed Signal Processing
Output Step Response
–
+
–
+
LT6206
VIN
1μF
75Ω
75Ω
75Ω
75Ω
75Ω
VOUT1
VOUT2
3.3V
499Ω
499Ω
499Ω
499Ω
1
7
4
8
6
5
3
2
F3dB 50MHz
IS 25mA
620567 TA01a
VIN
VOUT
20ns/DIV
VS = 3.3V
VIN = 0.1V TO 1.1V
f = 10MHz
0V
0V
620567 TA01b
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.


Similar Part No. - LT6205CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6205CS5 LINER-LT6205CS5 Datasheet
430Kb / 16P
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
More results

Similar Description - LT6205CS5

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
logo
Intersil Corporation
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
logo
Linear Technology
LT6205 LINER-LT6205 Datasheet
430Kb / 16P
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
logo
Linear Technology
LT6205 LINER-LT6205_15 Datasheet
266Kb / 18P
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6206 LINER-LT6206_15 Datasheet
266Kb / 18P
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6207 LINER-LT6207_15 Datasheet
266Kb / 18P
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com