Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33905 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
33904/5
FUNCTIONAL DEVICE OPERATION
CYCLIC SENSE OPERATION DURING LP MODES
CYCLIC SENSE OPERATION DURING LP MODES
This function can be used in both Low Power modes (LP
Vdd off and LP Vdd on).
Cyclic sense is the periodic activation of I/O-0, to allow
biasing of external contact swicthes. The contact switch state
can be detected via I/O-1, 2 and 3, and device can wake up
from LP mode.
Cyclic sense is optimized and designed primarily for
closed contact switch, in order to minimize consumption via
the contact pull up resistor.
Principle:
A dedicated timer allows to select a cyclic sense period
from 3 to 512ms (selection in timer B).
At end of the period, the I/O-0 will be activated for a
duration of T_cson (SPI selectable in INIT register, to 200us,
400us, 800us or 1.6ms). The I/O-0 high side transistor or low
side transistor can be activated. The selection is done by the
state of I/O-0 prior to enter in low power mode.
During the T-cson duration, the I/O-x are monitored. If one
of them is high, the device will detect a wake up. (Figure 21).
Cyclic sense period is selected by SPI configuration prior
to enter in device low power mode. Upon entering LP mode, I/
O-0 should be activated.
The level of I/O-1 is sense during the I/O-0 active time,
and is deglitched for a duration of typ 30us. This mean that I/
O-1 should be in the expected state for a duration longer than
the deglitcher time.
The diagram below (Figure 21) illustrates the cyclic sense
operation, with I/O-0 high side active and I/O-1 wake up in
case of high level.
Figure 21. Cyclic Sense operation - switch to gnd, wake up by open switch
I/O-0
I/O-1
NORMAL MODE
LOW POWER MODE
I/O-0 high side active in Normal mode
I/O-0 high side active during cyclic sense active time
Cyclic sense period
Cyclic sense active time
RESET or NORMAL REQUEST MODE
Wake up detected.
state of I/O-1 low => no wake up
Cyclic sense active
I/O-1 deglitcher time
I/O-1 high => wake up
I/O-0
I/O-1
Zoom
time (ex 200us)
Wake up event detected
I/O-0
I/O-1
S1 closed
S1 open
S1
(typ 30us)
S1
R
I/O-2
R
S2
R
S3
I/O-3
I/O-0
I/O-1
S1
R
I/O-2
R
S2
R
S3
I/O-3
Upon entering in LP mode, all 3
contact switches are closed.
In LP mode, 1 contact switch is open.
High level is detected on I/O-x, and device wakes up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com