Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33905 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 71Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 72Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 73Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 74Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 75Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 76Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 77Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 78Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 91 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
75
33904/5
SERIAL PERIPHERAL INTERFACE
FLAGS
FLAGS
DESCRIPTION
The table below is the summary of the device flags, I/O
real time level and device Identification. They are obtained
using the following commands.
This command is composed of the following:
bits 15 and 14: [1 1] for failure flags, or [0 0] for I/O real time
status or device identification.
• bit 13 to 9 are the register address from which the flags is
to be read.
• bit 8 = 1 (this is not parity bit function, as this is a read
command).
Table 36. Device Flag, I/O real time and Device Identification
Bits
15-14
13-9
8
7
6
5
4
3
2
1
0
MOSI
MOSI bits 15-7
Next 6 MOSI bits (bits 6.0) should be “000_0000”
bits [15,
14]
Address
[13-9]
bit 8
bit
7
MISO
8 Bits Device Fixed Status
(bits 15...8)
MISO bits [7-0], device response on MISO terminal
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
REG
11
0_1111
REG
1
0
VAUX_low
VAUX_over-
current
5V-can_
Thermal
shutdown
5V-can_
UV
5V-can_
over-current
VSENSE_
low
VSUP_
Under-
voltage
IDD-OC-
NORMAL
mode
11
1
-
-
-
VDD_
Thermal
shutdown
RST_low
(<100ms)
VSUP_
batfail
IDD-OC-LP
Vddon mode
Hexa SPI commands to get Vreg Flags: MOSI Ox DF 00, and MOSI Ox DF 80
CAN
11
1_0000
CAN
1
0
CAN
wake-up
-
CAN Over-
temp
RxD low
Rxd high
TxD dom
Bus Dom
clamp
CAN Over-
current
1
CAN_UF
CAN_F
CANL
to VBAT
CANL to VDD
CANL to
GND
CANH to
VBAT
CANH to VDD
CANH to
GND
Hexa SPI commands to get CAN Flags: MOSI Ox E1 00, and MOSI Ox E1 80
I/O
11
1_0001
I/O
1
0
HS3 short to
GND
HS2 short to
GND
SPI parity
error
CSB low
>2ms
VSUP2-UV VSUP1-OV I/O-O thermal W/D flash
mode 50%
1
I/O-1-3
wake-up
I/O-0-2 wake-
up
SPI wake-up
FWU
INT service
Timeout
Low Power
VDD OFF
Reset
request
Hardware
Leave
Debug
Hexa SPI commands to get I/O Flags and I/O wake up: MOSI Ox E3 00, and MOSI Ox E3 80
00
1_0001
I/O
1
1
I/O-3
state
I/O-2
state
I/O-1 state
I/O-0 state
Hexa SPI commands to get I/O real time level: MOSI Ox 23 00
INT
11
1_0010
Interrupt
1
0
INT request
RST high
DBG resistor
VDD temp
Prewarning
VDD UV
VDD Over-
voltage
VAUX_over-
voltage
-
1
-
-
-
VDD low
>100ms
VDD low RST
RST low
>100ms
multiple
Resets
W/D refresh
failure
Hexa SPI commands to get INT Flags: MOSI Ox E5 00, and MOSI Ox E5 80
00
1_0010
Interrupt
1
1
Vdd (5V or
3.3V)
device
p/n 1
device
p/n 0
id4
id3
id2
id1
id0
Hexa SPI commands to get device Identification: MOSI Ox 25 10
MISO bit [7-0] = 1011 0001: MC33904, 5V version, silicon pass 3.0
MISO bit [7-0] = 1011 0010: MC33904, 5V version, silicon pass 3.1
LIN1
11
1_0011
LIN 1
1
0
-
LIN1
wake up
LIN1 Term
short to gnd
LIN 1
Over-temp
RxD1 low
RxD1 high
TxD1 dom
LIN1 bus
dom clamp
Hexa SPI commands to get LIN 2 Flags: MOSI Ox E7 00
LIN2
11
1_0100
LIN 2
1
0
-
LIN2
wake up
LIN2 Term
short to gnd
LIN 2
Over-temp
RxD2 low
RxD2 high
TxD2 dom
LIN2 bus
dom clamp
Hexa SPI commands to get LIN 2 Flags: MOSI Ox E9 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com