Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33905 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33905
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33904/5
PIN CONNECTIONS
PIN CONNECTIONS
Figure 7. 33904/5 Pin Connections
Table 2. 33904/5 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 28.
Pin #
33905D
Pin #
33905S
Pin #
33904A
Pin Name
Pin Function
Formal Name
Definition
1-3,20-
22,27-
30,32-
35,52-54
N/A
17, 18,
19
N/C
No Connect
-
No Connection
4
1
1
VSUP1
Power
Battery Voltage
Supply 1
Supply input for the device internal supplies, power on reset
circuitry and the VDD regulator.
5
2
2
VSUP2
Power
Battery Voltage
Supply 2
Supply input for 5 V-CAN regulator, VAUX regulator, I/O and
LIN Terminals.
4
5
6
7
8
9
10
11
12
2
3
54
51
50
49
48
47
46
45
44
43
53
52
1
13
14
15
16
42
41
40
39
54 pins exposed package
MC33905D
17
18
19
20
21
22
23
24
25
26
27
38
37
36
35
34
33
32
31
30
29
28
TXDL2
GND
RXDL2
LIN-2
MISO
SCLK
MOSI
VSENSE
CS
VDD
TXD
VE
VB
I/O-1
RXD-L1
TXD-L1
LIN-1
INT
RST
RXD
SAFE
5V-CAN
CANL
SPLIT
DBG
CANH
VSUP2
MUX-OUT
V-AUX
V-CAUX
V-BAUX
VSUP1
LIN-T1
GND CAN
LIN-T2
I/O-0
GND
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
4
5
6
7
8
9
10
11
12
2
3
32
29
28
27
26
25
24
23
22
21
31
30
1
13
14
15
16
20
19
18
17
MC33904A
MISO
SCLK
MOSI
VSENSE
CS
VDD
TXD
SAFE
5V-CAN
CANL
SPLIT
DBG
CANH
VSUP2
VE
VB
I/O-1
NC
NC
NC
GND - LEAD FRAME
MUX-OUT
V-AUX
V-CAUX
V-BAUX
VSUP1
I/O-2
GND CAN
INT
RST
I/O-3
RXD
I/O-0
32 pins exposed package
4
5
6
7
8
9
10
11
12
2
3
32
29
28
27
26
25
24
23
22
21
31
30
1
13
14
15
16
20
19
18
17
MC33905S
MISO
SCLK
MOSI
VSENSE
CS
VDD
TXD
SAFE
5V-CAN
CANL
SPLIT
DBG
CANH
VSUP2
VE
VB
I/O-1
RXD-L
TXD-L
LIN
GND - LEAD FRAME
MUX-OUT
V-AUX
V-CAUX
V-BAUX
VSUP1
LIN-T
GND CAN
INT
RST
I/O-3
RXD
I/O-0
32 pins exposed package
GND
Note 1: Exposed pad should be connected to electrical ground.
SEE
NOTE 1
GND
SEE
NOTE 1
GND
SEE
NOTE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com