Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6201CS8PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT6201CS8PBF
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201CS8PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6201CS8PBF Datasheet HTML 4Page - Linear Technology LT6201CS8PBF Datasheet HTML 5Page - Linear Technology LT6201CS8PBF Datasheet HTML 6Page - Linear Technology LT6201CS8PBF Datasheet HTML 7Page - Linear Technology LT6201CS8PBF Datasheet HTML 8Page - Linear Technology LT6201CS8PBF Datasheet HTML 9Page - Linear Technology LT6201CS8PBF Datasheet HTML 10Page - Linear Technology LT6201CS8PBF Datasheet HTML 11Page - Linear Technology LT6201CS8PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT6200/LT6200-5
LT6200-10/LT6201
8
62001fd
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = Half Supply
VCM = V+
VCM = V–
l
l
l
1.9
3.5
3.5
4.5
7.5
7.5
mV
mV
mV
Input Offset Voltage Match
(Channel-to-Channel) (Note 11)
VCM = 0V
VCM = V– to V+
l
l
0.2
0.4
1.8
3.4
mV
mV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = Half Supply
l
8.2
24
μV/ºC
IB
Input Bias Current
VCM = Half Supply
VCM = V+
VCM = V–
l
l
l
–40
–50
–10
8
–23
18
μA
μA
μA
ΔIB
IB Shift
VCM = V– to V+
l
31
68
μA
IB Match (Channel-to-Channel) (Note 11)
VCM = V– to V+
l
19
μA
IOS
Input Offset Current
VCM = Half Supply
VCM = V+
VCM = V–
l
l
l
1.3
1
3.5
10
10
15
μA
μA
μA
AVOL
Large-Signal Gain
VO = ±4.5V, RL = 1k
VO = ±2V, RL = 100
l
l
46
7.5
80
13.5
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V– to V+
VCM = –2V to 2V
l
l
65
75
90
100
dB
dB
CMRR Match (Channel-to-Channel) (Note 11)
VCM = –2V to 2V
l
75
105
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±5V
l
60
65
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = ±1.5V to ±5V
l
60
100
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
ISINK = 5mA
ISINK = 20mA
l
l
l
16
60
170
70
120
310
mV
mV
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
ISOURCE = 5mA
ISINK = 20mA
l
l
l
85
125
265
150
230
480
mV
mV
mV
ISC
Short-Circuit Current
l
±60
±90
mA
IS
Supply Current per Amplifier
Disabled Supply Current per Amplifier
VSHDN = 0.3V
l
l
25
1.6
29
2.1
mA
mA
ISHDN
SHDN Pin Current
VSHDN = 0.3V
l
215
295
μA
VL
VSHDN Pin Input Voltage LOW
l
0.3
V
VH
VSHDN Pin Input Voltage HIGH
l V+ – 0.5
V
Shutdown Output Leakage Current
VSHDN = 0.3V
l
0.1
75
μA
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100Ω, VS = 5V
l
130
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100Ω, VS = 5V
l
180
ns
SR
Slew Rate
AV = –1, RL = 1k, VO = 4V
l
31
44
V/μs
AV = –10, RL = 1k, VO = 4V
LT6200-5
LT6200-10
l
l
150
290
215
410
V/μs
V/μs
FPBW
Full Power Bandwidth (Note 9)
VOUT = 3VP-P (LT6200-10)
l
30
43
MHz
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over 0°C < T
A < 70°C
temperature range. Excludes the LT6201 in the DD package (Note 3). VS = ±5V, VCM = VOUT = 0V, VSHDN = OPEN, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com