Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6201CS8PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT6201CS8PBF
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201CS8PBF Datasheet(HTML) 1 Page - Linear Technology

  LT6201CS8PBF Datasheet HTML 1Page - Linear Technology LT6201CS8PBF Datasheet HTML 2Page - Linear Technology LT6201CS8PBF Datasheet HTML 3Page - Linear Technology LT6201CS8PBF Datasheet HTML 4Page - Linear Technology LT6201CS8PBF Datasheet HTML 5Page - Linear Technology LT6201CS8PBF Datasheet HTML 6Page - Linear Technology LT6201CS8PBF Datasheet HTML 7Page - Linear Technology LT6201CS8PBF Datasheet HTML 8Page - Linear Technology LT6201CS8PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
62001fd
LT6200/LT6200-5
LT6200-10/LT6201
TYPICAL APPLICATION
DESCRIPTION
165MHz, Rail-to-Rail Input
and Output, 0.95nV/√Hz
Low Noise, Op Amp Family
The LT®6200/LT6201 are single and dual ultralow noise,
rail-to-rail input and output unity gain stable op amps
that feature 0.95nV/√Hz noise voltage. These amplifiers
combine very low noise with a 165MHz gain bandwidth,
50V/μs slew rate and are optimized for low voltage signal
conditioning systems. A shutdown pin reduces supply
current during standby conditions and thermal shutdown
protects the part from overload conditions.
The LT6200-5/LT6200-10 are single amplifiers optimized
for higher gain applications resulting in higher gain
bandwidth and slew rate. The LT6200 family maintains
its performance for supplies from 2.5V to 12.6V and are
specified at 3V, 5V and ±5V.
For compact layouts the LT6200/LT6200-5/LT6200-10 are
available in the 6-lead ThinSOT
TM andthe8-pinSOpackage.
The dual LT6201 is available in an 8-pin SO package with
standard pinouts as well as a tiny, dual fine pitch leadless
package (DFN). These amplifiers can be used as plug-in
replacements for many high speed op amps to improve
input/output range and noise performance.
FEATURES
APPLICATIONS
n Low Noise Voltage: 0.95nV/√Hz (100kHz)
n Gain Bandwidth Product:
LT6200/LT6201
165MHz
AV = 1
LT6200-5
800MHz
AV ≥ 5
LT6200-10
1.6GHz
AV ≥ 10
n Low Distortion: –80dB at 1MHz, RL = 100Ω
n Dual LT6201 in Tiny DFN Package
n Input Common Mode Range Includes Both Rails
n Output Swings Rail-to-Rail
n Low Offset Voltage: 1mV Max
n Wide Supply Range: 2.5V to 12.6V
n Output Current: 60mA Min
n SO-8 and Low Profile (1mm) ThinSOT™ Packages
n Operating Temperature Range –40°C to 85°C
n Power Shutdown, Thermal Shutdown
■
Transimpedance Amplifiers
■
Low Noise Signal Processing
■
Active Filters
■
Rail-to-Rail Buffer Amplifiers
■
Driving A/D Converters
5V
IPD
PHOTO
DIODE
CF
10k
0.1μF
10k
1k
VOUT ≈ 2V
+IPD • RF
PHILIPS
BF862
RF
LT6200
6200 TA01
Distortion vs Frequency
Single Supply, 1.5nV/√Hz, Photodiode Amplifier
FREQUENCY (Hz)
100k
–110
–100
–90
–80
–70
–50
1M
10M
6200 G35
–60
HD2, RL = 100Ω
HD3, RL = 100Ω
HD3, RL = 1k
AV = 1
VO = 2VP-P
VS = ±2.5V
HD2, RL = 1k
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.


Similar Part No. - LT6201CS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6201 LINER-LT6201 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6201 LINER-LT6201 Datasheet
984Kb / 20P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LT6201 LINER-LT6201 Datasheet
911Kb / 20P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LT6201 LINER-LT6201 Datasheet
315Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT6201 LINER-LT6201 Datasheet
321Kb / 28P
Gain-Bandwidth Product: 325MHz
More results

Similar Description - LT6201CS8PBF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
40MHz Rail-to-Rail Input-Output Op Amp
December 22, 2004
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
April 24, 2007
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
July 23, 2009
logo
Linear Technology
LT6200 LINER-LT6200_15 Datasheet
540Kb / 26P
165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200-5 LINER-LT6200-5_15 Datasheet
540Kb / 26P
165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200-10 LINER-LT6200-10_15 Datasheet
540Kb / 26P
165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6201 LINER-LT6201_15 Datasheet
540Kb / 26P
165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
40MHz Rail-to-Rail Input-Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com