Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6201CS8PBF Datasheet(PDF) 14 Page - Linear Technology

Part # LT6201CS8PBF
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201CS8PBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6201CS8PBF Datasheet HTML 10Page - Linear Technology LT6201CS8PBF Datasheet HTML 11Page - Linear Technology LT6201CS8PBF Datasheet HTML 12Page - Linear Technology LT6201CS8PBF Datasheet HTML 13Page - Linear Technology LT6201CS8PBF Datasheet HTML 14Page - Linear Technology LT6201CS8PBF Datasheet HTML 15Page - Linear Technology LT6201CS8PBF Datasheet HTML 16Page - Linear Technology LT6201CS8PBF Datasheet HTML 17Page - Linear Technology LT6201CS8PBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LT6200/LT6200-5
LT6200-10/LT6201
14
62001fd
TYPICAL PERFORMANCE CHARACTERISTICS LT6200, LT6201
Power Supply Rejection Ratio
vs Frequency
Overshoot vs Capacitive Load
FREQUENCY (Hz)
20
30
50
70
80
1k
100k
1M
100M
6200 G29
10
10k
10M
60
40
0
VS = 5V, 0V
VCM = VS/2
TA = 25°C
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
CAPACITIVE LOAD (pF)
10
0
10
20
40
100
1000
6200 G30
30
5
15
35
25
VS = 5V, 0V
AV = 1
RS = 10Ω
RS = 20Ω
RS = 50Ω
RL = 50Ω
CAPACITIVE LOAD (pF)
10
0
10
20
30
40
60
100
1000
6200 G31
50
VS = 5V, 0V
AV = 2
RS = 10Ω
RS = 20Ω
RS = 50Ω
RL = 50Ω
Settling Time vs Output Step
(Noninverting)
OUTPUT STEP (V)
–4
0
50
100
150
200
–3
–2
–1
0
6200 G32
12
3
4
500Ω
VOUT
VIN
VS = ±5V
AV = 1
TA = 25°C
1mV
1mV
10mV
10mV
Maximum Undistorted Output
Signal vs Frequency
Settling Time vs Output Step
(Inverting)
OUTPUT STEP (V)
–4
0
50
100
150
200
–3
–2
–1
0
6200 G33
12
3
4
VS = ±5V
AV = –1
TA = 25°C
1mV
10mV
10mV
500Ω
500Ω
VOUT
VIN
1mV
FREQUENCY (Hz)
10k
6
8
10
100k
1M
10M
6200 G34
4
5
7
9
3
2
AV = 2
VS = ±5V
TA = 25°C
HD2, HD3 < –40dBc
AV = –1
Overshoot vs Capacitive Load
Distortion vs Frequency, AV = 1
FREQUENCY (Hz)
100k
–110
–100
–90
–80
–70
–50
1M
10M
6200 G36
–60
HD2, RL = 100Ω
HD3, RL = 100Ω
HD3, RL = 1k
AV = 1
VO = 2VP-P
VS = ±5V
HD2, RL = 1k
Distortion vs Frequency, AV = 2
FREQUENCY (Hz)
–110
–80
–90
–100
–40
–50
–60
–70
6200 G37
100k
10M
1M
HD2, RL = 100Ω
HD3, RL = 1k
AV = 2
VO = 2VP-P
VS = ±2.5V
HD2, RL = 1k
HD3, RL = 100Ω
Distortion vs Frequency, AV = 1
FREQUENCY (Hz)
100k
–110
–100
–90
–80
–70
–50
1M
10M
6200 G35
–60
HD2, RL = 100Ω
HD3, RL = 100Ω
HD3, RL = 1k
AV = 1
VO = 2VP-P
VS = ±2.5V
HD2, RL = 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com