Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6246CS6 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6246CS6
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6246CS6 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6246CS6 Datasheet HTML 3Page - Linear Technology LTC6246CS6 Datasheet HTML 4Page - Linear Technology LTC6246CS6 Datasheet HTML 5Page - Linear Technology LTC6246CS6 Datasheet HTML 6Page - Linear Technology LTC6246CS6 Datasheet HTML 7Page - Linear Technology LTC6246CS6 Datasheet HTML 8Page - Linear Technology LTC6246CS6 Datasheet HTML 9Page - Linear Technology LTC6246CS6 Datasheet HTML 10Page - Linear Technology LTC6246CS6 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC6246/LTC6247/LTC6248

624678fa
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by back-to-back diodes. If any of
the input or shutdown pins goes 300mV beyond either supply or the
differential input voltage exceeds 1.4V the input current should be limited
to less than 10mA. This parameter is guaranteed to meet specified
performance through design and/or characterization. It is not production
tested.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output current is high.
Note 4: The LTC6246C/LTC6247C/LTC6248C and LTC6246I/LTC6247I/
LTC6248I are guaranteed functional over the temperature range of –40°C
to 85°C. The LTC6246H/LTC6247H/LTC6248H are guaranteed functional
over the temperature range of –40°C to 125°C.
Note 5: The LTC6246C/LTC6247C/LTC6248C are guaranteed to meet
specified performance from 0°C to 70°C. The LTC6246C/LTC6247C/
LTC6248C are designed, characterized and expected to meet specified
performance from –40°C to 85°C but are not tested or QA sampled at
these temperatures. The LTC6246I/LTC6247I/LTC6248I are guaranteed
to meet specified performance from –40°C to 85°C. The LTC6246H/
LTC6247H/LTC6248H are guaranteed to meet specified performance from
–40°C to 125°C.
Note 6: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 7: The input bias current is the average of the average of the currents
through the positive and negative input pins.
Note 8: Matching parameters are the difference between amplifiers A and
D and between B and C on the LTC6248; between the two amplifiers on the
LTC6247.
Note 9: Thermal resistance varies with the amount of PC board metal
connected to the package. The specified values are with short traces
connected to the leads with minimal metal area.
Note 10: The output voltage is varied from 0.5V to 4.5V during
measurement.
Note 11: Middle 80% of the output waveform is observed. RL = 1k at half
supply.
Note 12: The output voltage is varied from 0.5V to 2.2V during
measurement.
Note 13: FPBW is determined from distortion performance in a gain of +2
configuration with HD2, HD3 < –40dBc as the criteria for a valid output.
Note 14: Differential gain and phase are measured using a Tektronix
TSG120YC/NTSC signal generator and a Tektronix 1780R video
measurement set.
VOS Distribution, VCM = VS/2
(MS, PNP Stage)
VOS Distribution, VCM = VS/2
(TSOT-23, PNP Stage)
VOS Distribution, VCM = V+ – 0.5V
(MS, NPN Stage)
Typical perForMance characTerisTics
(VS = 2.7V) The l denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 2.7V, 0V; VSHDN = 2V; VCM = VOUT =
1.35V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FPBW
Full Power Bandwidth
VOUT = 2VP-P (Note 13)
3.3
MHz
Crosstalk
AV = –1, RL = 1k to Half Supply,
VOUT = 2VP-P, f = 1MHz
–90
dB
INPUT OFFSET VOLTAGE (µV)
22
20
16
12
8
2
18
14
10
6
4
0
–50
–150
150
624678 G01
350
250
–250
–375
50
VS = 5V, 0V
VCM = 2.5V
INPUT OFFSET VOLTAGE (µV)
25
15
5
20
10
0
–125
–25
–75
624678 G02
75
125
25
175
–175
VS = 5V, 0V
VCM = 2.5V
INPUT OFFSET VOLTAGE (µV)
16
12
8
2
14
10
6
4
0
–1200
400
–400
624678 G03
1200
2000
–2000
VS = 5V, 0V
VCM = 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com