Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6246CS6 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC6246CS6
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6246CS6 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC6246CS6 Datasheet HTML 14Page - Linear Technology LTC6246CS6 Datasheet HTML 15Page - Linear Technology LTC6246CS6 Datasheet HTML 16Page - Linear Technology LTC6246CS6 Datasheet HTML 17Page - Linear Technology LTC6246CS6 Datasheet HTML 18Page - Linear Technology LTC6246CS6 Datasheet HTML 19Page - Linear Technology LTC6246CS6 Datasheet HTML 20Page - Linear Technology LTC6246CS6 Datasheet HTML 21Page - Linear Technology LTC6246CS6 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC6246/LTC6247/LTC6248

624678fa
package DescripTion
KC Package
8-Lead Plastic UTDFN (2mm
× 2mm)
(Reference LTC DWG # 05-08-1749 Rev Ø)
2.00 0.10
2.00 0.10
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40 0.10
BOTTOM VIEW—EXPOSED PAD
0.64 0.10
0.55 0.05
R = 0.115
TYP
R = 0.05
TYP
1.35 REF
1.37 0.10
1
4
8
5
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.125 REF
0.00 – 0.05
(KC8) UTDFN 0107 REVØ
0.23 0.05
0.45 BSC
0.25 0.05
1.35 REF
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.64 0.05
1.37 0.05
1.15 0.05
0.70 0.05
2.55 0.05
PACKAGE
OUTLINE
0.45 BSC
PIN 1 NOTCH
R = 0.20 OR
0.25 45
CHAMFER
MS8 Package
8-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1660 Rev F)
MSOP (MS8) 0307 REV F
0.53 0.152
(.021 .006)
SEATING
PLANE
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.18
(.007)
0.254
(.010)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
TYP
0.1016 0.0508
(.004 .002)
0.86
(.034)
REF
0.65
(.0256)
BSC
0 – 6 TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
1 2 3 4
4.90 0.152
(.193 .006)
8 7 6 5
3.00 0.102
(.118 .004)
(NOTE 3)
3.00 0.102
(.118 .004)
(NOTE 4)
0.52
(.0205)
REF
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889 0.127
(.035 .005)
RECOMMENDED SOLDER PAD LAYOUT
0.42 0.038
(.0165 .0015)
TYP
0.65
(.0256)
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com