Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6246CS6 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6246CS6
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6246CS6 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6246CS6 Datasheet HTML 2Page - Linear Technology LTC6246CS6 Datasheet HTML 3Page - Linear Technology LTC6246CS6 Datasheet HTML 4Page - Linear Technology LTC6246CS6 Datasheet HTML 5Page - Linear Technology LTC6246CS6 Datasheet HTML 6Page - Linear Technology LTC6246CS6 Datasheet HTML 7Page - Linear Technology LTC6246CS6 Datasheet HTML 8Page - Linear Technology LTC6246CS6 Datasheet HTML 9Page - Linear Technology LTC6246CS6 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC6246/LTC6247/LTC6248

624678fa
elecTrical characTerisTics (VS = 2.7V) The
l
denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 2.7V, 0V; VSHDN = 2V; VCM = VOUT =
1.35V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio
VCM = 0V to 1.2V
l
80
78
100
dB
dB
ICMR
Input Common Mode Range
l
0
VS
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 5.25V
VCM = 1V
l
69
65
73
dB
dB
Supply Voltage Range (Note 6)
l
2.5
5.25
V
VOL
Output Swing Low (VOUT – V–)
No Load
l
20
40
55
mV
mV
ISINK = 5mA
l
80
125
160
mV
mV
ISINK = 10mA
l
110
175
225
mV
mV
VOH
Output Swing High (V+ – VOUT)
No Load
l
60
85
100
mV
mV
ISOURCE = 5mA
l
135
190
225
mV
mV
ISOURCE = 10mA
l
180
275
400
mV
mV
ISC
Short Circuit Current
Sourcing
l
–35
–20
–15
mA
mA
Sinking
l
25
20
50
mA
mA
IS
Supply Current per Amplifier
VCM = Half Supply
l
0.89
1
1.3
mA
mA
VCM = V+ – 0.5V
l
1
1.3
1.7
mA
mA
ISD
Disable Supply Current per Amplifier
VSHDN = 0.8V
l
22
50
90
µA
µA
ISHDNL
SHDN Pin Current Low
VSHDN = 0.8V
l
–1
–1.5
–0.5
0
0
µA
µA
ISHDNH
SHDN Pin Current High
VSHDN = 2V
l
–300
–350
45
300
350
nA
nA
VL
SHDN Pin Input Voltage
l
0.8
V
VH
SHDN Pin Input Voltage
l
2.0
V
IOSD
Output Leakage Current Magnitude in Shutdown VSHDN = 0.8V, Output Shorted to Either
Supply
100
nA
tON
Turn-On Time
VSHDN = 0.8V to 2V
5
µs
tOFF
Turn-Off Time
VSHDN = 2V to 0.8V
2
µs
BW
–3dB Closed Loop Bandwidth
AV = 1, RL = 1k to Half Supply
100
MHz
GBW
Gain-Bandwidth Product
f = 2MHz, RL = 1k to Half Supply
l
80
50
150
MHz
tS, 0.1
Settling Time to 0.1%
AV = –1, VO = 2V Step RL = 1k
119
ns
tS, 0.01
Settling Time to 0.01%
AV = –1, VO = 2V Step RL = 1k
170
ns
SR
Slew Rate
AV = –1, 2V Step
55
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com