Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6201CS8 Datasheet(PDF) 17 Page - Linear Technology

Part # LT6201CS8
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201CS8 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT6201CS8 Datasheet HTML 13Page - Linear Technology LT6201CS8 Datasheet HTML 14Page - Linear Technology LT6201CS8 Datasheet HTML 15Page - Linear Technology LT6201CS8 Datasheet HTML 16Page - Linear Technology LT6201CS8 Datasheet HTML 17Page - Linear Technology LT6201CS8 Datasheet HTML 18Page - Linear Technology LT6201CS8 Datasheet HTML 19Page - Linear Technology LT6201CS8 Datasheet HTML 20Page - Linear Technology LT6201CS8 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17
62001fd
LT6200/LT6200-5
LT6200-10/LT6201
TYPICAL PERFORMANCE CHARACTERISTICS LT6200-5
Common Mode Rejection Ratio
vs Frequency
Maximum Undistorted Output
Signal vs Frequency
2nd and 3rd Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
40
80
120
20
60
100
10k
1M
10M
100M
1G
6200 G54
0
100k
VS = 5V, 0V
VCM = VS/2
FREQUENCY (Hz)
3
9
10
2
1
8
5
7
6
4
10k
1M
10M
100M
6200 G55
0
100k
VS = ±5V
AV = 5
TA = 25°C
FREQUENCY (Hz)
10k
–100
–60
–50
–40
100k
1M
10M
6200 G56
–70
–80
–90
AV = 5
VO = 2VP-P
VS = ±2.5V
RL = 100Ω, 3RD
RL = 100Ω, 2ND
RL = 1k, 2ND
RL = 1k, 3RD
2nd and 3rd Harmonic Distortion
vs Frequency
±5V Large-Signal Response
Output-Overdrive Recovery
FREQUENCY (Hz)
10k
–110
–100
–60
–50
–40
100k
1M
10M
6200 G57
–70
–80
–90
AV = 5
VO = 2VP-P
VS = ±5V
RL = 100Ω, 3RD
RL = 100Ω, 2ND
RL = 1k, 3RD
RL = 1k, 2ND
Input Referred High Frequency
Noise Spectrum
5V Small-Signal Response
50ns/DIV
VS = ±5V
AV = 5
RL = 1k
CL = 10.8pF SCOPE PROBE
5V
–5V
0V
2V/DIV
6200 G58
50ns/DIV
VS = 5V, 0V
AV = 5
CL = 10.8pF SCOPE PROBE
0V
VIN
1V/DIV
0V
VOUT
2V/DIV
6200 G59
50ns/DIV
VS = 5V, 0V
AV = 5
RL = 1k
CL = 10.8pF SCOPE PROBE
0V
50mV/DIV
6200 G60
15MHz/DIV
NOISE LIMITED BY INSTRUMENT NOISE FLOOR
100kHz
150MHz
1nV/√Hz/DIV
0nV
10nV
6200 G61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com